Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCU04M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCU04M
Description  High-Speed CMOS Logic Hex Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCU04M Datasheet(HTML) 5 Page - Texas Instruments

  CD74HCU04M Datasheet HTML 1Page - Texas Instruments CD74HCU04M Datasheet HTML 2Page - Texas Instruments CD74HCU04M Datasheet HTML 3Page - Texas Instruments CD74HCU04M Datasheet HTML 4Page - Texas Instruments CD74HCU04M Datasheet HTML 5Page - Texas Instruments CD74HCU04M Datasheet HTML 6Page - Texas Instruments CD74HCU04M Datasheet HTML 7Page - Texas Instruments CD74HCU04M Datasheet HTML 8Page - Texas Instruments CD74HCU04M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FIGURE 3. INPUT CAPACITANCE AS A FUNCTION OF INPUT VOLTAGE
Typical Performance Curves (Continued)
65
60
55
50
45
40
35
30
25
20
15
10
5
0
1234
5
6
VDD = 3V, VI 0-3V
INPUT PIN 5 CONDITIONS
VIN, INPUT VOLTAGE (V)
AMBIENT TEMPERATURE, TA = 25
oC
70
VDD = 2V, VI 0-2V
VDD = 4V, VI 0-4V
VDD = 5V, VI 0-5V
VDD = 6V, VI 0-6V
CD74HCU04


Similar Part No. - CD74HCU04M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCU04M TI-CD74HCU04M Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04M TI-CD74HCU04M Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M TI-CD74HCU04M Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96 TI-CD74HCU04M96 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04M96 TI-CD74HCU04M96 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
More results

Similar Description - CD74HCU04M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC04 TI-CD54HC04 Datasheet
30Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_06 Datasheet
217Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
CD54HC04F3A TI-CD54HC04F3A Datasheet
890Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
CD74HCU04-Q1 TI1-CD74HCU04-Q1 Datasheet
501Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC HEX INVERTER
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
   Hex Inverter High-Speed Silicon-Gate CMOS
logo
Integral Corp.
IN74AC04 INTEGRAL-IN74AC04 Datasheet
97Kb / 4P
   Hex Inverter High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com