Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8544 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC8544
Description  QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE,DIGITAL-TO-ANALOG CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8544 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8544_12 Datasheet HTML 5Page - Texas Instruments DAC8544_12 Datasheet HTML 6Page - Texas Instruments DAC8544_12 Datasheet HTML 7Page - Texas Instruments DAC8544_12 Datasheet HTML 8Page - Texas Instruments DAC8544_12 Datasheet HTML 9Page - Texas Instruments DAC8544_12 Datasheet HTML 10Page - Texas Instruments DAC8544_12 Datasheet HTML 11Page - Texas Instruments DAC8544_12 Datasheet HTML 12Page - Texas Instruments DAC8544_12 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
www.ti.com
0
0.025
0.05
0.075
0.1
0.125
0.15
0
1
2
3
4
5
VREF = VDD −10 mV
DAC Loaded With 0000
ISINK − Sink Current − mA
VDD = 5 V
VDD = 2.7 V
4.8
4.85
4.9
4.95
0
1
2
3
4
5
5
VDD = 5 V
VREF = VDD −10 mV
DAC Loaded With FFFFH
ISOURCE − Source Current − mA
2.4
2.5
2.6
2.7
2.8
0
1
2
3
4
5
VDD = 2.7 V
VREF = VDD −10 mV
DAC Loaded With FFFFH
ISOURCE − Source Current − mA
0
10000
20000
30000
40000
50000
60000
Digital Input Code
IREF Included
0
100
200
300
400
500
600
700
800
VDD = 5 V
VDD = 2.7 V
−40
−20
0
20
40
60
80
100
VDD = 5.5 V
VDD = 2.7 V
IREF Included, Midcode
TA − Free-Air Temperature − 5C
0
200
400
600
800
1000
1200
1400
1600
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
− Supply Voltage − V
V
DD
0
200
400
600
800
1000
1200
1400
1600
IREF = VDD, IDD Measured at Power-Up,
Reference Current Included, No Load
DAC8544
SLAS420A – MAY 2004 – REVISED JUNE 2005
TYPICAL CHARACTERISTICS (continued)
This condition applies to all typical characteristics: V
REF+ = VDD, VREF– = GND, TA = 25°C (unless otherwise noted)
SINK CURRENT AT NEGATIVE RAIL
SOURCE CURRENT AT POSITIVE RAIL
Figure 11.
Figure 12.
SOURCE CURRENT AT POSITIVE RAIL
SUPPLY CURRENT
vs
DIGITAL INPUT CODE
Figure 13.
Figure 14.
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TEMPERATURE
SUPPLY VOLTAGE
Figure 15.
Figure 16.
9


Similar Part No. - DAC8544_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544I TI-DAC8544I Datasheet
476Kb / 20P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8544IPFB TI-DAC8544IPFB Datasheet
476Kb / 20P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8544IPFBG4 TI-DAC8544IPFBG4 Datasheet
476Kb / 20P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8544IPFBR TI-DAC8544IPFBR Datasheet
476Kb / 20P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8544_12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8544 TI-DAC8544 Datasheet
476Kb / 20P
[Old version datasheet]   QUAD, 16-BIT, RAIL-TO-RAIL VOLTAGE OUTPUT, PARALLEL INTERFACE, DIGITAL-TO-ANALOG CONVERTER
DAC8541 TI-DAC8541_15 Datasheet
1Mb / 26P
[Old version datasheet]   16-BIT,SINGLE CHANNEL,PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
logo
National Semiconductor ...
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC124S085 NSC-DAC124S085 Datasheet
831Kb / 18P
   12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC084S085 TI1-DAC084S085_16 Datasheet
1Mb / 33P
[Old version datasheet]   DAC084S085 8-Bit Micropower QUAD Digital-to-Analog Converter With Rail-to-Rail Output
DAC8541 TI-DAC8541 Datasheet
423Kb / 21P
[Old version datasheet]   16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
logo
Burr-Brown (TI)
DAC8501 BURR-BROWN-DAC8501 Datasheet
321Kb / 16P
   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8501 TI1-DAC8501_13 Datasheet
729Kb / 22P
[Old version datasheet]   Low-Power, Rail-to-Rail Output, 16-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com