Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT14M96G4 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HCT14M96G4
Description  High-Speed CMOS Logic Hex Inverting Schmitt Trigger
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT14M96G4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT14M96G4 Datasheet HTML 1Page - Texas Instruments CD74HCT14M96G4 Datasheet HTML 2Page - Texas Instruments CD74HCT14M96G4 Datasheet HTML 3Page - Texas Instruments CD74HCT14M96G4 Datasheet HTML 4Page - Texas Instruments CD74HCT14M96G4 Datasheet HTML 5Page - Texas Instruments CD74HCT14M96G4 Datasheet HTML 6Page - Texas Instruments CD74HCT14M96G4 Datasheet HTML 7Page - Texas Instruments CD74HCT14M96G4 Datasheet HTML 8Page - Texas Instruments CD74HCT14M96G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS129F
Features
• Unlimited Input Rise and Fall Times
• Exceptionally High Noise Immunity
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The ’HC14 and ’HCT14 each contain six inverting Schmitt
triggers in one package.
Pinout
CD54HC14, CD54HCT14
(CERDIP)
CD74HC14, CD74HCT14
(PDIP, SOIC, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC14F3A
-55 to 125
14 Ld CERDIP
CD54HCT14F3A
-55 to 125
14 Ld CERDIP
CD74HC14E
-55 to 125
14 Ld PDIP
CD74HC14M
-55 to 125
14 Ld SOIC
CD74HC14MT
-55 to 125
14 Ld SOIC
CD74HC14M96
-55 to 125
14 Ld SOIC
CD74HC14PW
-55 to 125
14 Ld TSSOP
CD74HC14PWR
-55 to 125
14 Ld TSSOP
CD74HCT14E
-55 to 125
14 Ld PDIP
CD74HCT14M
-55 to 125
14 Ld SOIC
CD74HCT14MT
-55 to 125
14 Ld SOIC
CD74HCT14M96
-55 to 125
14 Ld SOIC
CD74HCT14PW
-55 to 125
14 Ld TSSOP
CD74HCT14PWR
-55 to 125
14 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel
of 250.
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
January 1998 - Revised May 2005
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2005, Texas Instruments Incorporated
CD54HC14, CD74HC14,
CD54HCT14, CD74HCT14
High-Speed CMOS Logic
Hex Inverting Schmitt Trigger
[ /Title
(CD74H
C14,
CD74H
CT14)
/Subject
(High
Speed
CMOS
Logic
Hex
Invert-


Similar Part No. - CD74HCT14M96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT14M96G4 TI-CD74HCT14M96G4 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results

Similar Description - CD74HCT14M96G4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14 Datasheet
112Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14 TI-CD74HC14 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Hex Inverting Schmitt Trigger
CD54HC14 TI-CD54HC14_05 Datasheet
281Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
CD74HC14MG4 TI-CD74HC14MG4 Datasheet
587Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HC14 UTC-U74HC14 Datasheet
103Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
   High-Speed Cmos Logic Hex Inverting Schmitt Trigger
logo
Texas Instruments
CD54HC14 TI-CD54HC14 Datasheet
285Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
logo
Unisonic Technologies
U74HCT14 UTC-U74HCT14_15 Datasheet
237Kb / 5P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
U74HC14 UTC-U74HC14_15 Datasheet
198Kb / 6P
   HIGH-SPEED CMOS LOGIC HEX INVERTING SCHMITT TRIGGER
logo
Texas Instruments
CD74HC14PWRG4 TI-CD74HC14PWRG4 Datasheet
596Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com