Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7664Y Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC7664Y
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7664Y Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7664Y Datasheet HTML 7Page - Texas Instruments DAC7664Y Datasheet HTML 8Page - Texas Instruments DAC7664Y Datasheet HTML 9Page - Texas Instruments DAC7664Y Datasheet HTML 10Page - Texas Instruments DAC7664Y Datasheet HTML 11Page - Texas Instruments DAC7664Y Datasheet HTML 12Page - Texas Instruments DAC7664Y Datasheet HTML 13Page - Texas Instruments DAC7664Y Datasheet HTML 14Page - Texas Instruments DAC7664Y Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
11
TYPICAL CHARACTERISTICS: VSS = 0V (continued)
All specifications at TA = 25°C, IOVDD = VDD = VCC = +5V, VSS = 0V, representative unit, unless otherwise noted.
Figure 19
SETTLING TIME
(0V to +2.5V)
Time (5
µs/div)
Large Signal: 1.0V/div
Small Signal: 100
µV/div
Figure 20
SETTLING TIME
(+2.5V to 39mV)
Time (5
µs/div)
Large Signal: 1.0V/div
Small Signal: 100
µV/div
Figure 21
MIDSCALE GLITCH PERFORMANCE
CODE 7FFFh to 8000h
Time (0.5
µs/div)
Unfiltered DAC Output
DAC Output after
2K, 470pF Low−Pass Filter
Figure 22
MIDSCALE GLITCH PERFORMANCE
CODE 8000h to 7FFFh
Time (0.5
µs/div)
Unfiltered DAC Output
DAC Output After
2K, 470pF Low−Pass Filter
Figure 23
OVERSHOOT FOR TRANSITION OF 100 CODES
CODE 32750 to 32850
Time (1.0
µs/div)
Unfiltered DAC Output
100
Codes
DAC Output After
2K, 470pF Low−Pass Filter
Figure 24
OVERSHOOT FOR TRANSITION OF 100 CODES
CODE 32850 to 32750
Time (1.0
µs/div)
Unfiltered DAC Output
DAC Output After
2K, 470pF Low−Pass Filter


Similar Part No. - DAC7664Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7664YBR TI-DAC7664YBR Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YBT TI-DAC7664YBT Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YCR TI-DAC7664YCR Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YCT TI-DAC7664YCT Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YR TI-DAC7664YR Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com