Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7664Y Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7664Y
Description  16-Bit, Quad Voltage Output Digital-to-Analog Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7664Y Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7664Y Datasheet HTML 2Page - Texas Instruments DAC7664Y Datasheet HTML 3Page - Texas Instruments DAC7664Y Datasheet HTML 4Page - Texas Instruments DAC7664Y Datasheet HTML 5Page - Texas Instruments DAC7664Y Datasheet HTML 6Page - Texas Instruments DAC7664Y Datasheet HTML 7Page - Texas Instruments DAC7664Y Datasheet HTML 8Page - Texas Instruments DAC7664Y Datasheet HTML 9Page - Texas Instruments DAC7664Y Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
DAC7664
SBAS271 − MARCH 2004
www.ti.com
6
Terminal Functions
PIN
NAME
DESCRIPTION
1
NC
No Connection
2
NC
No Connection
3
VSS
Analog –5V power supply or 0V single supply
4
VCC
Analog +5V power supply
5
VOUTA
DAC A output voltage
6
VOUTA
Sense 1
Connect to VOUTA for unipolar mode
7
VOUTA
Sense 2
Connect to VOUTA for bipolar mode
8
AGND
Analog ground
9
DGND
Digital ground
10
VDD
Digital +5V power supply
11
IOVDD
Interface power supply
12
DB15
Data bit 15 (MSB)
13
DB14
Data bit 14
14
DB13
Data bit 13
15
NC
No connection
16
NC
No connection
17
DB12
Data bit 12
18
DB11
Data bit 11
19
DB10
Data bit 10
20
DB9
Data bit 9
21
DB8
Data bit 8
22
DB7
Data bit 7
23
DB6
Data bit 6
24
DB5
Data bit 5
25
DB4
Data bit 4
26
DB3
Data bit 3
27
DB2
Data bit 2
28
DB1
Data bit 1
29
DB0
Data bit 0
30
CS
Chip select, active low
31
R/W
Enabled by CS; controls the data read and
data write.
32
LDAC
DAC register load control, rising edge
triggered.
33
NC
No connection
34
NC
No connection
35
A1
Enabled by CS; in combination with A0,
selects the individual DAC input registers.
36
A0
Enabled by CS; in combination with A1,
selects the individual DAC input registers.
37
RST
Reset, rising edge triggered. Depending on
the state of RSTSEL, the DAC registers are
set to either mid-scale or zero.
PIN
NAME
DESCRIPTION
38
RSTSEL
Reset select. Determines the action of RST.
If high, an RST command sets the DAC
registers to mid-scale (8000h). If low, an RST
command sets the DAC registers to zero
(0000h).
39
NC
No connection
40
NC
No connection
41
NC
No connection
42
NC
No connection
43
NC
No connection
44
VOUTD
Sense 2
Connect to VOUTD for bipolar mode
45
VOUTD
Sense 1
Connect to VOUTD for unipolar mode
46
VOUTD
DAC D output
47
NC
No connection
48
NC
No connection
49
Offset D
Range 1
Connect to Offset D Range 2 for unipolar
mode
50
Offset D
Range 2
Connect to Offset D Range 1 for unipolar
mode
51
Offset C
Range 2
Connect to Offset C Range 1 for unipolar
mode
52
Offset C
Range 1
Connect to Offset C Range 2 for unipolar
mode
53
VOUTC
Sense 2
Connect to VOUTC for bipolar mode
54
VOUTC
Sense 1
Connect to VOUTC for unipolar mode
55
VOUTC
DAC C output
56
REF GND
Reference ground
57
REF GND
Reference ground
58
VOUTB
DAC B output
59
VOUTB
Sense 1
Connect to VOUTB for unipolar mode
60
VOUTB
Sense 2
Connect to VOUTB for bipolar mode
61
Offset B
Range 1
Connect to Offset B Range 2 for unipolar
mode
62
Offset B
Range 2
Connect to Offset B Range 1 for unipolar
mode
63
Offset A
Range 2
Connect to Offset A Range 1 for unipolar
mode
64
Offset A
Range 1
Connect to Offset A Range 2 for unipolar
mode


Similar Part No. - DAC7664Y

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7664YBR TI-DAC7664YBR Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YBT TI-DAC7664YBT Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YCR TI-DAC7664YCR Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YCT TI-DAC7664YCT Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7664YR TI-DAC7664YR Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com