Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7643VFBR Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC7643VFBR
Description  16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7643VFBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7643VFBR Datasheet HTML 6Page - Texas Instruments DAC7643VFBR Datasheet HTML 7Page - Texas Instruments DAC7643VFBR Datasheet HTML 8Page - Texas Instruments DAC7643VFBR Datasheet HTML 9Page - Texas Instruments DAC7643VFBR Datasheet HTML 10Page - Texas Instruments DAC7643VFBR Datasheet HTML 11Page - Texas Instruments DAC7643VFBR Datasheet HTML 12Page - Texas Instruments DAC7643VFBR Datasheet HTML 13Page - Texas Instruments DAC7643VFBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DAC7642, DAC7643
10
SBAS233
www.ti.com
–40
°C
TYPICAL CHARACTERISTICS: VSS = –5V (Cont.)
At TA = +25°C, VCC = +5V, VSS = –5V, VREFH = +2.5V, VREFL = –2.5V, representative unit, unless otherwise specified.
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC A, –40
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H
FFFF
H
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND
DIFFERENTIAL LINEARITY ERROR vs CODE
(DAC B, –40
°C)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H C000H
E000
H
FFFF
H
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
BIPOLAR ZERO ERROR vs TEMPERATURE
DAC A
DAC B
Code (8000
H)
3
2
1
0
–1
–2
–3
Temperature (
°C)
–40
–15
85
10
35
60
POSITIVE FULL-SCALE ERROR vs TEMPERATURE
DAC A
DAC B
Code (FFFF
H)
0.6
0.5
0.4
0.3
0.2
0.1
0.0
V
REFH CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
V
REFL CURRENT vs CODE
(all DACs sent to indicated code)
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H


Similar Part No. - DAC7643VFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7643VFBR TI-DAC7643VFBR Datasheet
770Kb / 20P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7643VFBR BURR-BROWN-DAC7643VFBR Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7643VFBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7654 BURR-BROWN-DAC7654 Datasheet
472Kb / 28P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7642 TI-DAC7642 Datasheet
770Kb / 20P
[Old version datasheet]   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7642 BURR-BROWN-DAC7642 Datasheet
806Kb / 22P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7632 BURR-BROWN-DAC7632 Datasheet
846Kb / 21P
   16-Bit, Dual Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com