Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7802 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7802
Description  Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7802 Datasheet(HTML) 3 Page - Texas Instruments

  DAC7802 Datasheet HTML 1Page - Texas Instruments DAC7802 Datasheet HTML 2Page - Texas Instruments DAC7802 Datasheet HTML 3Page - Texas Instruments DAC7802 Datasheet HTML 4Page - Texas Instruments DAC7802 Datasheet HTML 5Page - Texas Instruments DAC7802 Datasheet HTML 6Page - Texas Instruments DAC7802 Datasheet HTML 7Page - Texas Instruments DAC7802 Datasheet HTML 8Page - Texas Instruments DAC7802 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DAC7800, 7801, 7802
3
SBAS005A
www.ti.com
AC PERFORMANCE
OUTPUT OP AMP IS OPA602.
At VDD = +5VDC, VREF A = VREF B = +10V, TA = +25°C, unless otherwise noted. These specifications are fully characterized but not subject to test.
NOTE: (1) Ensured but not tested.
DAC7800, 7801, 7802K
DAC7800, 7801, 7802L
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT CURRENT SETTLING TIME
To 0.01% of Full-Scale
0.4
0.8
✻✻
µs
RL = 100Ω, CL = 13pF
DIGITAL-TO-ANALOG GLITCH IMPULSE
VREF A = VREF B = 0V
0.9
nV-s
RL = 100Ω, CL = 13pF
AC FEEDTHROUGH
fVREF = 10kHz
–75
–72
✻✻
dB
OUTPUT CAPACITANCE
DAC Loaded with All 0s
30
50
✻✻
pF
DAC Loaded with All 1s
70
100
✻✻
pF
CHANNEL-TO-CHANNEL ISOLATION
VREF A to IOUT B
fVREF A = 10kHz
–90
–94
✻✻
dB
VREF B = 0V,
Both DACs Loaded with 1s
VREF B to IOUT A
fVREF B = 10kHz
–90
–101
✻✻
dB
VREF A = 0V,
Both DACs Loaded with 1s
DIGITAL CROSSTALK
Full-Scale Transition
0.9
nV-s
RL = 100Ω, CL = 13pF
✻ Same specification as for DAC7800, 7801, and 7802K.
DAC7800
BLOCK DIAGRAM
DAC A
DAC B
DAC A Register
12
12
12
UPD B
I
AGND B
R
V
V
R
I
AGND A
UPD A
OUT B
FB B
REF B
REF A
FB A
OUT A
12
V
DD
9
DGND
10
15
16
14
13
4
3
2
1
6
DAC B Register
Bit 0
Bit 11
Bit 12
Bit 23
7
11
CLR
12
DAC7800
Data
In
5
CLK
8
CS
PIN CONFIGURATION
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AGND A
CLK
UPD A
Data In
CS
AGND B
I
R
V
V
CLR
UPD B
DGND
OUT A
FB A
REF A
OUT B
DAC7800
I
R
V
FB B
REF B
DD
CLK
UPD A
UPD B
CS
CLR
FUNCTION
XXXX
0
All register contents set to 0’s (asynchronous).
X
X
X
1
X
No data transfer.
X
X
0
1
Input data is clocked into input register (location Bit 23) and previous data shifts.
X
0101
Input register bits 23 (LSB) - 12 (MSB) are loaded into DAC A.
X
1001
Input register bits 11 (LSB) - 0 (MSB) are loaded into DAC B.
X
0001
Input register bits 23 (LSB) - 12 (MSB) are loaded into DAC A, and input register bits 11 (LSB) - 0 (MSB)
are loaded into DAC B.
X = Don’t care.
means falling edge triggered.
LOGIC TRUTH TABLE
Top View
DIP


Similar Part No. - DAC7802

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7802 TI-DAC7802 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7802 BURR-BROWN-DAC7802 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7802K BURR-BROWN-DAC7802K Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7802KP TI-DAC7802KP Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7802KP BURR-BROWN-DAC7802KP Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC7802

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
TLC7528C TI-TLC7528C Datasheet
247Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7628C TI-TLC7628C Datasheet
156Kb / 10P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7528C TI-TLC7528C_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com