Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7634EG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC7634EG4
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7634EG4 Datasheet HTML 6Page - Texas Instruments DAC7634EG4 Datasheet HTML 7Page - Texas Instruments DAC7634EG4 Datasheet HTML 8Page - Texas Instruments DAC7634EG4 Datasheet HTML 9Page - Texas Instruments DAC7634EG4 Datasheet HTML 10Page - Texas Instruments DAC7634EG4 Datasheet HTML 11Page - Texas Instruments DAC7634EG4 Datasheet HTML 12Page - Texas Instruments DAC7634EG4 Datasheet HTML 13Page - Texas Instruments DAC7634EG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
0.00
–0.05
–0.10
–0.15
–0.20
–0.25
–0.30
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
0.30
0.25
0.20
0.15
0.10
0.05
0.00
0000
H
2000
H
4000
H
6000
H
8000
H
Digital Input Code
A000
H
C000
H
E000
H
FFFF
H
2
1.5
1
0.5
0
Temperature
〈°C)
–40 –30
–10
0
–20
10
20
40
50
30
70
80
90
60
Data = FFFF
H
No Load
(all DACs)
2
1.5
1
0.5
0
Digital Input Code
0000
H
2000
H
4000
H
6000
H
8000
H
A000
H
C000
H
E000H FFFFH
No Load
All DACs
One DAC
+5V
LDAC
0
Large−Signal Settling Time: 0.5V/div
Small−Signal Settling Time: 4LSB/div
Time (2
µs/div)
+5V
LDAC
0
Large−Signal Settling Time: 0.5V/div
Small−Signal Settling Time: 4LSB/div
Time (2
µs/div)
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
TYPICAL PERFORMANCE CURVES: V
SS = 0 V (continued)
At T
A = 25°C, VDD = VCC = 5 V, VREFH = 2.5 V, VREFL = 0 V, representative unit, unless otherwise specified.
VREFH CURRENT vs CODE
VREFL CURRENT vs CODE
(ALL DACs SENT TO INDICATED CODE)
(ALL DACs SENT TO INDICATED CODE)
Figure 15.
Figure 16.
POWER SUPPLY CURRENT
POSITIVE SUPPLY CURRENT
vs TEMPERATURE
vs DIGITAL INPUT CODE
Figure 17.
Figure 18.
OUTPUT VOLTAGE vs SETTLING TIME
OUTPUT VOLTAGE vs SETTLING TIME
(0 V TO 2.5 V)
(2.5 V TO 2 mV)
Figure 19.
Figure 20.
10


Similar Part No. - DAC7634EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634E BURR-BROWN-DAC7634E Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634E/1K BURR-BROWN-DAC7634E/1K Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634EB BURR-BROWN-DAC7634EB Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7634EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com