Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7634EG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # DAC7634EG4
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634EG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC7634EG4 Datasheet HTML 1Page - Texas Instruments DAC7634EG4 Datasheet HTML 2Page - Texas Instruments DAC7634EG4 Datasheet HTML 3Page - Texas Instruments DAC7634EG4 Datasheet HTML 4Page - Texas Instruments DAC7634EG4 Datasheet HTML 5Page - Texas Instruments DAC7634EG4 Datasheet HTML 6Page - Texas Instruments DAC7634EG4 Datasheet HTML 7Page - Texas Instruments DAC7634EG4 Datasheet HTML 8Page - Texas Instruments DAC7634EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.ti.com
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
PIN
NAME
DESCRIPTION
1
NC
No connection
25
VCC
Analog +5-V power supply
2
NC
No connection
26
VCC
Analog +5-V power supply
3
SDI
Serial data input
27
AGND
Analog ground
4
DGND
Digital ground
28
AGND
Analog ground
5
CLK
Data clock input
29
VSS
Analog +5-V power supply or 0-V single supply
6
DGND
Digital ground
30
VSS
Analog +5-V power supply or 0-V single supply
7
LDAC
DAC register load control, rising edge triggered
31
VOUTD
DAC D output voltage
DAC D's output amplifier inverting input. Used to close
8
DGND
Digital ground
32
VOUTD Sense
feedback loop at load.
9
LOAD
DAC input register load control, active low
33
VREFL CD Sense
DAC C and D reference low sense input
10
DGND
Digital ground
34
VREFL CD
DAC C and D reference low input
11
CS
Chip select, active low
35
VREFH CD
DAC C and D reference high input
12
DGND
Digital ground
36
VREFH CD Sense
DAC C and D reference high sense input
13
SDO
Serial data output
37
VOUTC
DAC C output voltage
DAC C's output amplifier inverting input. Used to close
14
DGND
Digital ground
38
VOUTC Sense
the feedback loop at the load.
Reset Select. Determines the action of RST. If
HIGH, a RST common sets the DAC registers to
15
RSTSEL
39
VOUTB
DAC B output voltage
mid-scale (8000H). If LOW, a RST command sets
the DAC registers to zero (0000H).
DAC B's output amplifier inverting input. Used to close
16
DGND
Digital ground
40
VOUTB Sense
the feedback loop at the load.
Reset, rising edge triggered. Depending on the
17
RST
state of RSTSEL, the DAC registers are set to
41
VREFH AB Sense
DAC A and B reference high sense input
either mid-scale or zero.
18
DGND
Digital ground
42
VREFH AB
DAC A and B reference high input
19
NC
No connection
43
VREFL AB
DAC A and B reference low input
20
NC
No connection
44
VREFL AB Sense
DAC A and B reference low sense input
21
DGND
Digital ground
45
VSS
Analog –5-V power supply or 0-V single supply
22
DGND
Digital ground
46
AGND
Analog ground
23
VDD
Digital 5-V power supply
47
VOUTA
DAC A output voltage
DAC A's output amplifier inverting input. Used to close
24
VDD
Digital 5-V power supply
48
VOUTA Sense
the feedback loop at the load.
5


Similar Part No. - DAC7634EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634E BURR-BROWN-DAC7634E Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634E/1K BURR-BROWN-DAC7634E/1K Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634EB BURR-BROWN-DAC7634EB Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7634EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com