Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7760 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7760
Description  Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7760 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7760 Datasheet HTML 12Page - Texas Instruments DAC7760 Datasheet HTML 13Page - Texas Instruments DAC7760 Datasheet HTML 14Page - Texas Instruments DAC7760 Datasheet HTML 15Page - Texas Instruments DAC7760 Datasheet HTML 16Page - Texas Instruments DAC7760 Datasheet HTML 17Page - Texas Instruments DAC7760 Datasheet HTML 18Page - Texas Instruments DAC7760 Datasheet HTML 19Page - Texas Instruments DAC7760 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 63 page
background image
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
C003
AVDD = +24 V
AVSS = -12 V
Max DNL
Min DNL
Output unloaded
All VOUT ranges
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
10
11
12
13
14
15
16
17
18
AVDD/ |AVSS| (V)
C009
Max DNL
Min DNL
±10 V range
AVDD = |AVSS|
Output unloaded
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C002
AVDD = 24 V
AVSS = 0 V
+5 V/ +10 V range
Output unloaded
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
8192
16384
24576
32768
40960
49152
57344
65536
Code
C002
AVDD = +24 V
AVSS = -12 V
Output unloaded
All VOUT ranges
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temperature (0C)
C002
AVDD = +24 V
AVSS = -12 V
Max INL
Min INL
Output unloaded
All VOUT ranges
-0.010
-0.008
-0.006
-0.004
-0.002
0.000
0.002
0.004
0.006
0.008
0.010
10
11
12
13
14
15
16
17
18
AVDD/ |AVSS| (V)
C001
Max INL
Min INL
±10 V range
AVDD = |AVSS|
Output unloaded
16
DAC7760, DAC8760
SBAS528B – JUNE 2013 – REVISED JUNE 2016
www.ti.com
Product Folder Links: DAC7760 DAC8760
Submit Documentation Feedback
Copyright © 2013–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
Figure 22. VOUT INL vs Temperature
Figure 23. VOUT INL vs Supply
Figure 24. VOUT DNL vs Code (Unipolar Outputs)
Figure 25. VOUT DNL vs Code
Figure 26. VOUT DNL vs Temperature
Figure 27. VOUT DNL vs Supply


Similar Part No. - DAC7760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7760 TI-DAC7760 Datasheet
193Kb / 6P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
DAC7760 TI-DAC7760_15 Datasheet
4Mb / 59P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
More results

Similar Description - DAC7760

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7760 TI-DAC7760_15 Datasheet
4Mb / 59P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC8760IPWPR TI-DAC8760IPWPR Datasheet
193Kb / 6P
[Old version datasheet]   Single-Channel, 12- and 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter for 4-mA to 20-mA Current Loop Applications
DAC7750 TI1-DAC7750 Datasheet
3Mb / 53P
[Old version datasheet]   DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
DAC7750 TI-DAC7750_15 Datasheet
3Mb / 53P
[Old version datasheet]   DACx750 Single-Channel, 12- and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current Loop Applications
logo
Analog Devices
AD5737 AD-AD5737_12 Datasheet
1Mb / 44P
   Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA Output
REV. B
logo
Texas Instruments
DAC8775 TI1-DAC8775 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 16-Bit Programmable Current Output and Voltage Output Digital-to-Analog Converter with Adaptive Power Management
logo
Analog Devices
AD5755 AD-AD5755_11 Datasheet
2Mb / 48P
   Quad Channel, 16-Bit, Serial Input, 4 mA to 20 mA and Voltage Output DAC, Dynamic Power Control
REV. 0
AD5755-1 AD-AD5755-1_11 Datasheet
1Mb / 48P
   Quad Channel, 16-Bit,Serial Input, 4 mA to 20 mA and Voltage Output DAC,Dynamic Power Control
REV. A
logo
Texas Instruments
DAC8771 TI1-DAC8771 Datasheet
4Mb / 77P
[Old version datasheet]   Single-Channel,16-Bit Voltage and Current Output Digital-to-Analog Converter with Adaptive Power Management
AFE78101 TI-AFE78101 Datasheet
3Mb / 88P
[Old version datasheet]   AFEx8101 16-Bit and 14-Bit, Low-Power DACs With Voltage Reference and Diagnostic ADC for 4-mA to 20-mA Loop-Powered Applications
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com