Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7634E Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7634E
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7634E Datasheet(HTML) 2 Page - Texas Instruments

  DAC7634E Datasheet HTML 1Page - Texas Instruments DAC7634E Datasheet HTML 2Page - Texas Instruments DAC7634E Datasheet HTML 3Page - Texas Instruments DAC7634E Datasheet HTML 4Page - Texas Instruments DAC7634E Datasheet HTML 5Page - Texas Instruments DAC7634E Datasheet HTML 6Page - Texas Instruments DAC7634E Datasheet HTML 7Page - Texas Instruments DAC7634E Datasheet HTML 8Page - Texas Instruments DAC7634E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
SPECIFICATIONS
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION
LINEARITY
DIFFERENTIAL
PACKAGE
SPECIFICATION
ORDERING
TRANSPORT
PRODUCT
ERROR
NONLINEARITY
PACKAGE
DRAWING
TEMPERATURE
NUMBER(1)
MEDIA
(LSB)
(LSB)
NUMBER
RANGE
DAC7634E
Rails
DAC7634E
±4
±3
48-Lead SSOP
333
–40°C to 85°C
DAC7634E/1K
Tape and Reel
DAC7634EB
Rails
DAC7634EB
±3
±2
48-Lead SSOP
333
–40°C to 85°C
DAC7634E/1K
Tape and Reel
(1)
Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel).
Ordering 1000 pieces of DAC7634E/1K will get a single 1000-piece Tape and Reel.
UNIT
VCC and VDD to VSS
–0.3 V to 11 V
VCC and VDD to GND
–0.3 V to 5.5 V
VREFL to VSS
–0.3 V to (VCC - VSS)
VCC to VREFH
–0.3 V to (VCC - VSS)
VREFH to VREFL
–0.3 V to (VCC - VSS)
Digital input voltage to GND
–0.3 V to VDD + 0.3 V
Digital output voltage to GND
–0.3 V to VDD + 0.3 V
TJ
Maximum junction temperature
150°C
TA
Operating temperature range
–40°C to 85°C
Tstg
Storage temperature range
–65°C to 125°C
Lead temperature (solder, 10s)
300°C
(1)
Stresses above those listed under "absolute maximum ratings" may cause permanent damage to the device. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
At T
A = TMIN to TMAX, VDD = VCC = 5 V, VSS = –5 V, VREFH = 2.5 V, and VREFL = –2.5 V, unless otherwise noted
DAC7634E
DAC7634EB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ACCURACY
Linearity error
±3
±4
±2
±3
LSB
Linearity match
±4
±2
LSB
Differential linearity error
±2
±3
±1
±2
LSB
Monotonicity, TMIN to TMAX
14
15
Bits
Bipolar zero error
±1
±2
±1
±2
mV
Bipolar zero error drift
5
10
5
10
ppm/°C
Full-scale error
±1
±2
±1
±2
mV
Full-scale error drift
5
10
5
10
ppm/°C
Channel-to-channel
Bipolar zero matching
±1
±2
±1
±2
mV
matching
Channel-to-channel
Full-scale matching
±1
±2
±1
±2
mV
matching
Power supply rejection ratio (PSRR)
At full scale
10
100
10
100
ppm/V
2


Similar Part No. - DAC7634E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634E BURR-BROWN-DAC7634E Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634E/1K BURR-BROWN-DAC7634E/1K Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634EB BURR-BROWN-DAC7634EB Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7634E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
[Old version datasheet]   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
[Old version datasheet]   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
   16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com