Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A1140 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. A1140
Description  Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1140 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A1140 Datasheet HTML 1Page - Allegro MicroSystems A1140 Datasheet HTML 2Page - Allegro MicroSystems A1140 Datasheet HTML 3Page - Allegro MicroSystems A1140 Datasheet HTML 4Page - Allegro MicroSystems A1140 Datasheet HTML 5Page - Allegro MicroSystems A1140 Datasheet HTML 6Page - Allegro MicroSystems A1140 Datasheet HTML 7Page - Allegro MicroSystems A1140 Datasheet HTML 8Page - Allegro MicroSystems A1140 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
A1140-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140/41/42/43
Characteristic Data
0
2
4
6
8
10
10
12
14
16
18
20
55
60
65
70
75
80
85
90
95
100
105
110
–50
0
50
100
150
200
5
10
15
20
25
30
50
0
50
100
150
200
ICC(L) versus Ambient Temperature
at Various Levels of VCC
(A1140, A1141, A1142, A1143)
Switchpoint versus Ambient Temperature
(A1143)
Hysteresis versus Ambient Temperature
(A1143)
ICC(H) versus Ambient Temperature
at Various Levels of VCC
(A1140, A1141, A1142, A1143)
40
25
150
–40
25
150
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
VCC
3.8 V
12.0 V
24.0 V
VCC
3.8 V
12.0 V
24.0 V
Device Qualification Program
EMC (Electromagnetic Compatibility) Requirements
Test Name
Reference Specification
ESD – Human Body Model
AEC-Q100-002
ESD – Machine Model
AEC-Q100-003
Conducted Transients
ISO 7637-1
Direct RF Injection
ISO 11452-7
Bulk Current Injection
ISO 11452-4
TEM Cell
ISO 11452-3
Contact Allegro MicroSystems for information.
Contact your local representative for EMC results.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn