Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3QLG5-500KV0.02A Datasheet(PDF) 1 Page - Anshan Suly Electronics

Part No. 3QLG5-500KV0.02A
Description  High voltage high frequency three-phase rectifier bridge 3QLG5~500KV/0.02A adopts high reliable mesa structure and diffusion craftwork, epoxy resin molded in a compact structure.
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANSHAN [Anshan Suly Electronics]
Homepage  http://www.hvdiode.com/
Logo 

3QLG5-500KV0.02A Datasheet(HTML) 1 Page - Anshan Suly Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Anshan
Anshan
Anshan
Anshan
Suly
Suly
Suly
Suly
Electronics
Electronics
Electronics
Electronics
Co.,
Co.,
Co.,
Co.,
Ltd.
Ltd.
Ltd.
Ltd.
ANSHAN
ANSHAN
ANSHAN
ANSHAN
SULY
SULY
SULY
SULY
ELECTRONICS
ELECTRONICS
ELECTRONICS
ELECTRONICS
CO.,
CO.,
CO.,
CO.,
LTD.
LTD.
LTD.
LTD.
Website: www.hvdiode.com
Tel: +86-412-8220288
Fax: +86-412-8223397
3QLG5~500KV/0.02A
3QLG5~500KV/0.02A
3QLG5~500KV/0.02A
3QLG5~500KV/0.02A
Product
Product
Product
Product
Data
Data
Data
Data
High voltage high frequency three-phase rectifier bridge 3QLG5~500KV/0.02A
3QLG5~500KV/0.02A
3QLG5~500KV/0.02A
3QLG5~500KV/0.02A
adopts high reliable mesa structure
and diffusion craftwork, epoxy resin molded in a compact structure.
Limiting
Limiting
Limiting
Limiting
Value
Value
Value
Value
(Absolute
Absolute
Absolute
Absolute
Maximum
Maximum
Maximum
Maximum
Rating
Rating
Rating
Rating
Electrical
Electrical
Electrical
Electrical
Characteristic
Characteristic
Characteristic
Characteristic
(Ta=25
Ta=25
Ta=25
Ta=25
℃ Unless
Unless
Unless
Unless
Otherwise
Otherwise
Otherwise
Otherwise
Specified
Specified
Specified
Specified
Item
Symbol
Unit
Conditions
Data
Repetitive Peak Reverse Voltage
(Single Arm)
VRRM
KV
Ta=25℃
IR=1.0μA
5~500.0
Peak Working Revere Voltage
(Single Arm)
VRWM
KV
Ta=25℃
IR=1.0μA
5~500.0
Non-Repetitive Peak Reverse Voltage
(Single Arm)
VRsM
KV
Ta=25℃
IR=1.0μA
6~600.0
Average Forward Current
IF(AV)
A
( 50KHz Half-sine Wave , Resistance
load @Tbreak=50℃)
0.02
Reverse Recovery Time
trr
nS
IF=50mA
IR=100mA IRR=25mA
80/100
Surge Forward Current
IFSM
A
0.01S @ Half-Sine wave
50Hz
0.5
Operating Ambient Temperature
Ta
-40~+125
Storage Temperature
T stg
-40~+125
Forward Peak Voltage
(Single Arm; Reference Value)
VFM
V
@ Ta=25℃
IF=0.02A
7.5~750.0
Peak Reverse Current
(Reference Value)
IRRM1
μA
@ Ta=25℃ VRM=VRRM
2.0
IRRM2
μA
@ Ta=100℃ VRM=VRRM
50.0
■ Feature
Feature
Feature
Feature
 Avalanche characteristic
 More sizes to choose
 Epoxy resin molded in vacuum, have
anticorrosion in the surface
 Operating junction temperature Tj: -
40℃—+150℃
■ Application
Application
Application
Application
High voltage rectifier used in electrostatic
cleaning
High voltage generator
High voltage testing equipment
General purpose high voltage rectifier, voltage
multiplier assembly


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn