Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7742 Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC7742
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7742 Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC7742_15 Datasheet HTML 12Page - Texas Instruments DAC7742_15 Datasheet HTML 13Page - Texas Instruments DAC7742_15 Datasheet HTML 14Page - Texas Instruments DAC7742_15 Datasheet HTML 15Page - Texas Instruments DAC7742_15 Datasheet HTML 16Page - Texas Instruments DAC7742_15 Datasheet HTML 17Page - Texas Instruments DAC7742_15 Datasheet HTML 18Page - Texas Instruments DAC7742_15 Datasheet HTML 19Page - Texas Instruments DAC7742_15 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DAC7742
16
SBAS256A
www.ti.com
LAYOUT
A precision analog component requires careful layout, adequate
bypassing, and clean, well-regulated power supplies. The
DAC7742 offers separate digital and analog supplies, as it will
often be used in close proximity with digital logic, microcontrollers,
microprocessors, and digital signal processors. The more digital
logic present in the design and the higher the switching speed,
the more important it will become to separate the analog and
digital ground and supply planes at the device.
Since the DAC7742 has both analog and digital ground pins,
return currents can be better controlled and have less effect
on the DAC output error. Ideally, AGND would be connected
directly to an analog ground plane and DGND to the digital
ground plane. The analog ground plane would be separate
from the ground connection for the digital components until
they were connected at the power entry point of the system.
The voltages applied to VCC and VSS should be well regulated
and low noise. Switching power supplies and DC/DC con-
verters will often have high-frequency glitches or spikes
riding on the output voltage. In addition, digital components
can create similar high-frequency spikes as their internal
logic switches states. This noise can easily couple into the
DAC output voltage through various paths between the
power connections and analog output.
In addition, a 1
µF to 10µF bypass capacitor in parallel with a
0.1
µF bypass capacitor is strongly recommended for each
supply input. In some situations, additional bypassing may
be required, such as a 100
µF electrolytic capacitor or even
a "Pi" filter made up of inductors and capacitors–all designed
to essentially low-pass filter the analog supplies, removing
any high frequency noise components.
NOISE PERFORMANCE
Increased noise performance of the DAC output can be
achieved by filtering the voltage reference input to the
DAC7742. Figure 10 shows a typical internal reference filter
schematic. A low-pass filter applied between the REFOUT and
REFIN pins can increase noise immunity at the DAC and
output amplifier. The REFOUT pin can source a maximum of
50
µA so care should be taken in order to avoid overloading
the internal reference output
.
43
44
45
46
47
48
(Other Connections
Omitted for Clarity)
RSTSEL
REFEN
REF
OUT
REFADJ
REF
IN
NC
100k
1
µF
FIGURE 10. Internal Reference Filter.


Similar Part No. - DAC7742_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7742Y/250 BURR-BROWN-DAC7742Y/250 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742Y/2K BURR-BROWN-DAC7742Y/2K Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YB/250 BURR-BROWN-DAC7742YB/250 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YB/2K BURR-BROWN-DAC7742YB/2K Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742YC/250 BURR-BROWN-DAC7742YC/250 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Similar Description - DAC7742_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com