Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7741 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7741
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7741 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC7741 Datasheet HTML 3Page - Texas Instruments DAC7741 Datasheet HTML 4Page - Texas Instruments DAC7741 Datasheet HTML 5Page - Texas Instruments DAC7741 Datasheet HTML 6Page - Texas Instruments DAC7741 Datasheet HTML 7Page - Texas Instruments DAC7741 Datasheet HTML 8Page - Texas Instruments DAC7741 Datasheet HTML 9Page - Texas Instruments DAC7741 Datasheet HTML 10Page - Texas Instruments DAC7741 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DAC7741
7
SBAS248B
www.ti.com
TYPICAL CHARACTERISTICS
TA = +25°C (unless otherwise noted)
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = 85°C, Internal Reference Enabled
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = 25°C, Internal Reference Enabled
6
4
2
0
–2
–4
–6
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
Bipolar Configuration: V
OUT = –10V to +10V
T
A = –40°C, Internal Reference Enabled
0.125
0.100
0.075
0.050
0.025
0.000
–0.025
–40
–15
10
35
60
85
Temperature (
°C)
GAIN ERROR vs TEMPERATURE
Int. Ref, Unipolar Mode: V
OUT = 0 to +10V
Int. Ref, Bipolar Mode:
V
OUT = –10 to +10V
Ext. Ref, Unipolar Mode:
V
OUT = 0 to +10V
Ext. Ref, Bipolar Mode:
V
OUT = –10 to +10V
4.4
4.3
4.2
4.1
4.0
3.9
3.8
3.7
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
V
CC SUPPLY CURRENT vs DIGITAL INPUT CODE
Bipolar Configuration: V
OUT = –10V to +10V
Internal Reference Enabled, T
A = 25°C
5
4
3
2
1
0
–1
–2
–3
–4
–5
OFFSET ERROR vs TEMPERATURE
–40
–15
10
35
60
85
Temperature (
°C)
V
OUT = –10 to +10V
V
OUT = 0 to +10V


Similar Part No. - DAC7741

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741Y BURR-BROWN-DAC7741Y Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741Y/250 BURR-BROWN-DAC7741Y/250 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741Y/2K BURR-BROWN-DAC7741Y/2K Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741YB BURR-BROWN-DAC7741YB Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Similar Description - DAC7741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com