Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7741YC/2K Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC7741YC/2K
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7741YC/2K Datasheet(HTML) 3 Page - Texas Instruments

  DAC7741YC/2K Datasheet HTML 1Page - Texas Instruments DAC7741YC/2K Datasheet HTML 2Page - Texas Instruments DAC7741YC/2K Datasheet HTML 3Page - Texas Instruments DAC7741YC/2K Datasheet HTML 4Page - Texas Instruments DAC7741YC/2K Datasheet HTML 5Page - Texas Instruments DAC7741YC/2K Datasheet HTML 6Page - Texas Instruments DAC7741YC/2K Datasheet HTML 7Page - Texas Instruments DAC7741YC/2K Datasheet HTML 8Page - Texas Instruments DAC7741YC/2K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DAC7741
3
SBAS248B
www.ti.com
DYNAMIC PERFORMANCE
Settling Time to
±0.003%
20V Output Step
3
5
✻✻
µs
RL = 5kΩ, CL = 200pF,
with external REFOUT
to REFIN filter(5)
Digital Feedthrough
2
nV-s
Output Noise Voltage
at 10kHz
100
nV/
√Hz
DIGITAL INPUT
VIH
|IH| < 10µA
0.7 • VDD
V
VIL
|IL| < 10µA
0.3 • VDD
V
DIGITAL OUTPUT
VOH
IOH = –0.8mA
3.6
V
VOL
IOL = 1.6mA
0.4
V
POWER SUPPLY
VDD
+4.75
+5.0
+5.25
✻✻
V
VCC
+11.4
+15.75
✻✻
V
VSS
Bipolar Operation
–15.75
–11.4
✻✻
V
Unipolar Operation
–15.75
–4.75
✻✻
V
IDD
100
µA
ICC
Unloaded
4
6
✻✻
mA
ISS
Unloaded
–4
–2.5
✻✻
mA
Power
No Load, Ext. Reference
85
mW
No Load, Int. Reference
100
150
✻✻
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
✻✻
°C
✻ Specifications same as grade to the left.
NOTES: (1) With minimum VCC /VSS requirements, internal reference enabled.
(2) Please refer to the “Theory of Operation” section for more information with respect to output voltage configurations.
(3) See Figure 7 for gain and offset adjustment connection diagrams when using the internal reference.
(4) The minimum value for REFIN must be equal to the greater of VSS +14V and +4.75V, where +4.75V is the minimum voltage allowed.
(5) Reference low-pass filter values: 100k
Ω, 1.0µF (See Figure 10).
ELECTRICAL CHARACTERISTICS (Cont.)
All specifications at TA = TMIN to TMAX, VCC = +15V, VSS = –15V, VDD = +5V, internal reference enabled, unless otherwise noted.
DAC7741Y
DAC7741YB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS


Similar Part No. - DAC7741YC/2K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741YC/2K BURR-BROWN-DAC7741YC/2K Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Similar Description - DAC7741YC/2K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com