Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83822H Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DP83822H
Description  Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83822H Datasheet(HTML) 1 Page - Texas Instruments

  DP83822H Datasheet HTML 1Page - Texas Instruments DP83822H Datasheet HTML 2Page - Texas Instruments DP83822H Datasheet HTML 3Page - Texas Instruments DP83822H Datasheet HTML 4Page - Texas Instruments DP83822H Datasheet HTML 5Page - Texas Instruments DP83822H Datasheet HTML 6Page - Texas Instruments DP83822H Datasheet HTML 7Page - Texas Instruments DP83822H Datasheet HTML 8Page - Texas Instruments DP83822H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
CPU/MPU
MAC
DP83822
10/100 Mb/s
Ethernet PHY
25-MHz/50-MHz
Clock Source
Status
LEDs
RJ-45
MII
RMII
RGMII
10BASE-T
100BASE-TX
100BASE-FX
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
DP83822HF, DP83822IF, DP83822H, DP83822I
SNLS505 – JULY 2016
DP83822 Robust, Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
1
1 Features
1
IEEE 802.3 Compliant: 100BASE-FX, 100BASE-
TX and 10BASE-T
Low Deterministic Transmit and Receive Latency
±8000-V IEC 61000-4-2 ESD Protection
Start of Frame Detect for IEEE 1588 Time Stamp
Fast Link-Down Timing
Auto-Crossover in Force Modes
Operating Temperature: -40°C to 125°C
Key Specifications:
MII / RMII / RGMII MAC Interfaces
Single Supply Options:
1.8-V AVD < 120 mW
3.3-V AVD < 220 mW
I/O Voltages: 3.3-V, 2.5-V and 1.8-V
Power Savings Features
Energy Efficient Ethernet (EEE) IEEE
802.3az
WoL (Wake-on-LAN) Support with Magic
Packet Detection
Programmable Energy Savings Modes
Cable Diagnostics
BIST (Built-in Self-Test)
MDC / MDIO Interface
2 Applications
Industrial Networks and Factory Automation
Motor and Motion Control
IP Network Cameras
Building Automation
3 Description
The DP83822 is a low power single-port 10/100 Mbps
Ethernet PHY. It provides all physical layer functions
needed to transmit and receive data over both
standard twisted pair cables or connect to an external
fiber optic transceiver. Additionally, the DP83822
provides flexibility to connect to a MAC through a
standard MII, RMII or RGMII interface.
The DP83822 offers integrated cable diagnostic tools,
built-in self-test and loopback capabilities for ease of
use. It supports multiple industrial buses with its low
deterministic transmit and receive latency as well as
fast link-down timing.
The DP83822 offers and innovative and robust
approach for reducing power consumption through
EEE, WoL and other programmable energy savings
modes.
The DP83822 is a feature rich and pin-to-pin
upgradeable option for the TLK105L and TLK106L
10/100 Mbps Ethernet PHYs.
The DP83822 comes in a QFN 32-pin 5.00-mm ×
5.00-mm package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DP83822
WQFN (32)
5.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DP83822H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83822H TI1-DP83822H Datasheet
2Mb / 112P
[Old version datasheet]   DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83822H TI1-DP83822H Datasheet
2Mb / 115P
[Old version datasheet]   DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83822HF TI1-DP83822HF Datasheet
2Mb / 112P
[Old version datasheet]   DP83826E Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
DP83822HF TI1-DP83822HF Datasheet
2Mb / 115P
[Old version datasheet]   DP83826 Deterministic, Low-Latency, Low-Power, 10/100 Mbps, Industrial Ethernet PHY
More results

Similar Description - DP83822H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83825I TI1-DP83825I Datasheet
861Kb / 78P
[Old version datasheet]   Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI1-DP83825I_V01 Datasheet
1Mb / 110P
[Old version datasheet]   DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
DP83825I TI-DP83825I_V02 Datasheet
1Mb / 110P
[Old version datasheet]   DP83825I Low Power 10/100 Mbps Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161AEP DAVICOM-DM9161AEP Datasheet
150Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com