Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC7741 Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7741
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7741 Datasheet(HTML) 2 Page - Texas Instruments

  DAC7741_15 Datasheet HTML 1Page - Texas Instruments DAC7741_15 Datasheet HTML 2Page - Texas Instruments DAC7741_15 Datasheet HTML 3Page - Texas Instruments DAC7741_15 Datasheet HTML 4Page - Texas Instruments DAC7741_15 Datasheet HTML 5Page - Texas Instruments DAC7741_15 Datasheet HTML 6Page - Texas Instruments DAC7741_15 Datasheet HTML 7Page - Texas Instruments DAC7741_15 Datasheet HTML 8Page - Texas Instruments DAC7741_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DAC7741
2
SBAS248B
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ABSOLUTE MAXIMUM RATINGS(1)
VCC to VSS ........................................................................... –0.3V to +34V
VCC to AGND ...................................................................... –0.3V to +17V
VSS to AGND ...................................................................... –17V to +0.3V
AGND to DGND ................................................................. –0.3V to +0.3V
REFIN to AGND ............................................................. 0V to VCC – 1.4V
VDD to DGND ........................................................................ –0.3V to +6V
Digital Input Voltage to DGND ................................. –0.3V to VDD + 0.3V
Digital Output Voltage to DGND .............................. –0.3V to VDD + 0.3V
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
PACKAGE/ORDERING INFORMATION
LINEARITY
DIFFERENTIAL
SPECIFIED
ERROR
NONLINEARITY
PACKAGE
TEMPERATURE
ORDERING
PACKAGE
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
NUMBER
MARKING
MEDIA, QUANTITY
DAC7741Y
±6
±4
LQFP-48
PT
–40
°C to +85°C
DAC7741Y/250
DAC7741Y
Tape and Reel, 250
"
"
""""
DAC7741Y/2K
"
Tape and Reel, 2000
DAC7741YB
±4
±2
LQFP-48
PT
–40
°C to +85°C
DAC7741YB/250
DAC7741YB
Tape and Reel, 250
"
"
""""
DAC7741YB/2K
"
Tape and Reel, 2000
DAC7741YC
±3
±1
LQFP-48
PT
–40
°C to +85°C
DAC7741YC/250
DAC7741YC
Tape and Reel, 250
"
"
""""
DAC7741YC/2K
"
Tape and Reel, 2000
DAC7741YL
±2
±1
LQFP-48
PT
0
°C to +70°C
DAC7741YL/250
DAC7741YL
Tape and Reel, 250
"
"
""""
DAC7741YL/2K
"
Tape and Reel, 2000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
DAC7741Y
DAC7741YB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error (INL)
±6
±4
LSB
TA = 25°C
±5
±3
LSB
Differential Linearity Error (DNL)
±4
±2
LSB
Monotonicity
14
15
Bits
Offset Error
±0.1
% of FSR
Offset Error Drift
±2
ppm/
°C
Gain Error
With Internal REF
±0.4
±0.25
% of FSR
With External REF
±0.25
±0.1
% of FSR
Gain Error Drift
With Internal REF
±15
±10
ppm/
°C
PSRR (VCC or VSS)
At Full-Scale
50
200
✻✻
ppm/V
ANALOG OUTPUT(1)
Voltage Output(2)
+11.4/–4.75(1)
0 to 10
V
+11.4/–11.4(1)
±10
V
+11.4/–6.4(1)
±5
V
Output Current
±5
mA
Output Impedance
0.1
Maximum Load Capacitance
200
pF
Short-Circuit Current
±15
mA
Short-Circuit Duration
AGND
Indefinite
REFERENCE
Reference Output
9.96
10
10.04
9.975
10.025
V
REFOUT Impedance
400
REFOUT Voltage Drift
±15
±10
ppm/
°C
REFOUT Voltage Adjustment(3)
±25
mV
REFIN Input Range(4)
4.75
VCC – 1.4
✻✻
V
REFIN Input Current
10
nA
REFADJ Input Range
Absolute Max Value that
010
✻✻
V
can be applied is VCC
REFADJ Input Impedance
50
k
VREF Output Current
–2+2
✻✻
mA
VREF Impedance
1
ELECTRICAL CHARACTERISTICS
All specifications at TA = TMIN to TMAX, VCC = +15V, VSS = –15V, VDD = +5V, internal reference enabled, unless otherwise noted.


Similar Part No. - DAC7741_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741Y BURR-BROWN-DAC7741Y Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741Y/250 BURR-BROWN-DAC7741Y/250 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741Y/2K BURR-BROWN-DAC7741Y/2K Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741YB BURR-BROWN-DAC7741YB Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7741YB/250 BURR-BROWN-DAC7741YB/250 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results

Similar Description - DAC7741_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513 TI-ADS8513 Datasheet
430Kb / 24P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS1115-Q1 TI1-ADS1115-Q1_16 Datasheet
1Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter With Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com