Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP8238J Datasheet(PDF) 2 Page - Texas Instruments

Part # DP8238J
Description  System Controller and Bus Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8238J Datasheet(HTML) 2 Page - Texas Instruments

  DP8238J Datasheet HTML 1Page - Texas Instruments DP8238J Datasheet HTML 2Page - Texas Instruments DP8238J Datasheet HTML 3Page - Texas Instruments DP8238J Datasheet HTML 4Page - Texas Instruments DP8238J Datasheet HTML 5Page - Texas Instruments DP8238J Datasheet HTML 6Page - Texas Instruments DP8238J Datasheet HTML 7Page - Texas Instruments DP8238J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLF6825
December 1988
DP8228DP8228MDP8238DP8238M
System Controller and Bus Driver
General Description
The DP8228DP8228M
DP8238DP8238M are system
controllerbus drivers contained in a standard 28-pin dual-
in-line package The chip which is fabricated using Schottky
Bipolar technology generates all the read and write control
signals required to directly interface the memory and input
output components of the 8080A microcomputer family The
chip also provides drive and isolation for the bidirectional
data bus of the 8080A microprocessor Data bus isolation
enables the use of slower memory and inputoutput compo-
nents in a system and provides for enhanced system noise
immunity
A user-selected signal-level interrupt vector (RST 7) is pro-
vided by the device for use in the interrupt structure of small
systems that need only one basic vector No additional
components (such as an interrupt instruction port) are re-
quired to use the single interrupt vector in these systems
The devices also generate an Interrupt Acknowledge (INTA)
control signal for each byte of a multibyte CALL instruction
when an interrupt is acknowledged by the 8080A This fea-
ture permits the use of a multilevel priority interrupt structure
in large interrupt-driven systems
Features
Y
Single chip system controller and bus driver for 8080A
Microcomputer Systems
Y
Allows use of multibyte CALL instructions for Interrupt
Acknowledge
Y
Provides
user-selected
single-level
interrupt
vector
(RST 7)
Y
Provides isolation of data bus
Y
Supports a wide variety of system bus structures
Y
Reduces system component count
Y
DP8238DP8238M
provides
advanced
InputOutput
Write and Memory Write control signals for large sys-
tem timing control
8080A Microcomputer Family Block Diagram
TLF6825 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP8238J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8238J NSC-DP8238J Datasheet
137Kb / 6P
   System Controller and Bus Driver
More results

Similar Description - DP8238J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8228 NSC-DP8228 Datasheet
137Kb / 6P
   System Controller and Bus Driver
logo
Intel Corporation
8228 INTEL-8228 Datasheet
212Kb / 4P
   SYSTEM CONTROLLER AND BUS DRIVER FOR 8080A CPU
logo
Advanced Micro Devices
AM8228 AMD-AM8228 Datasheet
73Kb / 1P
   System Controller and Bus Driver for 8080A Compatible Microprocessors
logo
NEC
UPD71088 NEC-UPD71088 Datasheet
281Kb / 7P
   System Bus Controller
logo
ON Semiconductor
LC79451KB ONSEMI-LC79451KB Datasheet
324Kb / 38P
   Controller and Driver
October, 2013
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
LMP92018 TI1-LMP92018 Datasheet
1Mb / 34P
[Old version datasheet]   Analog System Monitor and Controller
LMP92001 TI1-LMP92001 Datasheet
1Mb / 35P
[Old version datasheet]   Analog System Monitor and Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
ATMEL Corporation
AT43312A ATMEL-AT43312A_06 Datasheet
325Kb / 28P
   Self- and Bus-Bus-powered USB Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com