Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVB0012A Datasheet(PDF) 7 Page - Texas Instruments

Part # DVB0012A
Description  DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DVB0012A Datasheet(HTML) 7 Page - Texas Instruments

Back Button DVB0012A Datasheet HTML 3Page - Texas Instruments DVB0012A Datasheet HTML 4Page - Texas Instruments DVB0012A Datasheet HTML 5Page - Texas Instruments DVB0012A Datasheet HTML 6Page - Texas Instruments DVB0012A Datasheet HTML 7Page - Texas Instruments DVB0012A Datasheet HTML 8Page - Texas Instruments DVB0012A Datasheet HTML 9Page - Texas Instruments DVB0012A Datasheet HTML 10Page - Texas Instruments DVB0012A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Load (%)
100
80
60
40
20
0
25
0
50
75
100
DCP021212DP
DCP021205P
Load Current (mA)
450
400
300
200
100
0
100
0
200
300
400
350
250
150
50
COUT = 1 µF
COUT = 0.1 µF
Load (%)
5.4
5.3
5.2
5.1
5.0
4.9
20
0
40
60
100
80
Temperature (°C)
2.5
2.0
1.5
1.0
0.5
0
±25
±50
25
50
100
75
0
Frequency (MHz)
60
50
30
10
0
±20
1
0.15
10
30
40
20
±10
Series 1
Series 2
Series 3
Temperature (°C)
5.04
5.02
5.00
4.98
4.96
4.94
4.92
4.90
±20
±40
20
0
60
40
100
80
DCP020503, DCP020505, DCP020507, DCP020509, DCP020515D, DCP021205
DCP021212, DCP021212D, DCP021515, DCP022405, DCP022405D, DCP022415D
www.ti.com
SBVS011L – MARCH 2000 – REVISED MAY 2015
7.7 Typical Characteristics
TA = 25°C, unless otherwise noted.
DCP020505P
ILOAD = 400 mA
DCP020505P
75% Load Current
Figure 1. Conducted Emmisions vs. Frequency
Figure 2. Output Voltage vs. Temperature
DCP021205P
DCP021205P
ILOAD = 400 mA
Figure 3. Output Voltage vs. Output Current
Figure 4. Output Power vs. Temperature
DCP020505P
(20 MHz
bandwidth)
Figure 5. Efficiency vs. Percent Load Current
Figure 6. Output AC Ripple vs. Load Current
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DCP020503 DCP020505 DCP020507 DCP020509 DCP020515D DCP021205 DCP021212
DCP021212D DCP021515 DCP022405 DCP022405D DCP022415D


Similar Part No. - DVB0012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DVB0012A TI1-DVB0012A Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DVB0012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com