Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DVB0012A Datasheet(PDF) 6 Page - Texas Instruments

Part # DVB0012A
Description  DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DVB0012A Datasheet(HTML) 6 Page - Texas Instruments

Back Button DVB0012A Datasheet HTML 2Page - Texas Instruments DVB0012A Datasheet HTML 3Page - Texas Instruments DVB0012A Datasheet HTML 4Page - Texas Instruments DVB0012A Datasheet HTML 5Page - Texas Instruments DVB0012A Datasheet HTML 6Page - Texas Instruments DVB0012A Datasheet HTML 7Page - Texas Instruments DVB0012A Datasheet HTML 8Page - Texas Instruments DVB0012A Datasheet HTML 9Page - Texas Instruments DVB0012A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DCP020503, DCP020505, DCP020507, DCP020509, DCP020515D, DCP021205
DCP021212, DCP021212D, DCP021515, DCP022405, DCP022405D, DCP022415D
SBVS011L – MARCH 2000 – REVISED MAY 2015
www.ti.com
7.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
POUT
Output power
ILOAD = 100% (full load)
2
W
VRIPPLE
Output voltage ripple
COUT = 1 μF, ILOAD = 50%
20
mVPP
–40°C
≤ TA ≤ 25°C
0.046
%/°C
Voltage vs. Temperature
25°C
≤ TA ≤ 85°C
0.016
%/°C
INPUT
VS
Input voltage range
–10%
10%
ISOLATION
Voltage
1
kVrms
1-second flash test
dV/dt
500
V/s
Leakage Current
30
nA
VISO
Isolation
Continuous working
DC
60
VDC
voltage across isolation
AC
42.5
VAC
barrier
LINE REGULATION
IOUT ≥ 10% load current and constant,
1%
15%
VS (min) to VS (typ)
Output voltage
IOUT ≥ 10% load current and constant,
1%
15%
VS (typ) to VS (max)
RELIABILITY
Demonstrated
TA = 55°C
75
FITS
THERMAL SHUTDOWN
Die temperature at
TSD
150
°C
shutdown
ISD
Shutdown current
3
mA
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Oscillator frequency
fSW = fOSC/2
800
kHz
VIL
Low-level input voltage, SYNC
0
0.4
V
ISYNC
Input current, SYNC
VSYNC = 2 V
75
µA
tDISABLE
Disable time
2
µs
CSYNC
Capacitance loading on SYNC pin(1)
External
3
pF
(1)
The application report External Synchronization of the DCP01/02 Series of DC/DC Converters(SBAA035) describes this configuration.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: DCP020503 DCP020505 DCP020507 DCP020509 DCP020515D DCP021205 DCP021212
DCP021212D DCP021515 DCP022405 DCP022405D DCP022415D


Similar Part No. - DVB0012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DVB0012A TI1-DVB0012A Datasheet
778Kb / 28P
[Old version datasheet]   1-W, 1000-Vrms Isolated, Regulated DC?밆C Converter Modules
More results

Similar Description - DVB0012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com