Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP022415DU/1K Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DCP022415DU/1K
Description  DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP022415DU/1K Datasheet(HTML) 4 Page - Texas Instruments

  DCP022415DU/1K Datasheet HTML 1Page - Texas Instruments DCP022415DU/1K Datasheet HTML 2Page - Texas Instruments DCP022415DU/1K Datasheet HTML 3Page - Texas Instruments DCP022415DU/1K Datasheet HTML 4Page - Texas Instruments DCP022415DU/1K Datasheet HTML 5Page - Texas Instruments DCP022415DU/1K Datasheet HTML 6Page - Texas Instruments DCP022415DU/1K Datasheet HTML 7Page - Texas Instruments DCP022415DU/1K Datasheet HTML 8Page - Texas Instruments DCP022415DU/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DCP02
1
2
3
12
13
14
28
27
26
17
16
15
+V
S
–V
S
–V
S
–V
OUT
+V
OUT
NC
SYNC
NC
NC
NC
NC
NC
DCP02
1
2
3
12
13
14
28
27
26
17
16
15
+V
S
–V
S
–V
S
COM
+V
OUT
-
V
OUT
SYNC
NC
NC
NC
NC
NC
DCP02
1
2
5
6
7
14
8
+V
S
–V
S
–V
OUT
+V
OUT
NC
SYNC
NC
DCP02
1
2
5
6
7
14
8
+V
S
–V
S
COM
+V
OUT
-
V
OUT
SYNC
NC
DCP020503, DCP020505, DCP020507, DCP020509, DCP020515D, DCP021205
DCP021212, DCP021212D, DCP021515, DCP022405, DCP022405D, DCP022415D
SBVS011L – MARCH 2000 – REVISED MAY 2015
www.ti.com
6 Pin Configuration and Functions
NVA Package
NVA Package
7-Pin PDIP (Single Output)
7-Pin PDIP (Dual Output)
(Top View)
(Top View)
DVB PACKAGE
DVB Package
12-Pin SOP (Single Output)
12-Pin SOP (Dual Output)
(Top View)
(Top View)
Pin Functions
NUMBER
PIN
I/O(1)
DESCRIPTION
DVB
DVB
NVA
NVA
NAME
(DUAL)
(SINGLE)
(DUAL)
(SINGLE)
COM
12
5
O
Output side common
14
15
15
7
16
16
NC
8
No connection
17
17
26
26
8
27
27
Synchronization Pin - Synchronize multiple devices by connecting
SYNC
28
28
14
14
I
their SYNC pins together. Pulling this pin low disables the internal
oscillator.
+VOUT
13
13
6
6
O
Positive output voltage
–VOUT
14
12
7
5
O
Negative output voltage
+VS
1
1
1
1
I
Input voltage
2
2
–VS
2
2
I
Input side common
3
3
(1)
I = Input, O = Output
4
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: DCP020503 DCP020505 DCP020507 DCP020509 DCP020515D DCP021205 DCP021212
DCP021212D DCP021515 DCP022405 DCP022405D DCP022415D


Similar Part No. - DCP022415DU/1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP022415DU/1K TI-DCP022415DU/1K Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP022415DU/1K TI-DCP022415DU/1K Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP022415DU/1K TI1-DCP022415DU/1K Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP022415DU/1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com