Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP9000 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DLP9000
Description  Family of 0.9 WQXGA Type A DMDs
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP9000 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DLP9000 Datasheet HTML 3Page - Texas Instruments DLP9000 Datasheet HTML 4Page - Texas Instruments DLP9000 Datasheet HTML 5Page - Texas Instruments DLP9000 Datasheet HTML 6Page - Texas Instruments DLP9000 Datasheet HTML 7Page - Texas Instruments DLP9000 Datasheet HTML 8Page - Texas Instruments DLP9000 Datasheet HTML 9Page - Texas Instruments DLP9000 Datasheet HTML 10Page - Texas Instruments DLP9000 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
DLP9000
www.ti.com
DLPS036A – SEPTEMBER 2014 – REVISED OCTOBER 2015
Pin Functions (continued)
PIN (1)
TYPE
DATA
INTERNAL
TRACE
SIGNAL
DESCRIPTION
(I/O/P)
RATE (2)
TERM (3)
(mils) (4)
NAME
NO.
CLOCKS
DCLK_AN
H2
Input
LVDS
Differential
Clock, Negative
740
DCLK_BN
AJ5
Input
LVDS
Differential
Clock, Negative
740
DCLK_CN
C23
Input
LVDS
Differential
Clock, Negative
736
DCLK_DN
AH22
Input
LVDS
Differential
Clock, Negative
736
DCLK_AP
H4
Input
LVDS
Differential
Clock, Positive
740
DCLK_BP
AJ3
Input
LVDS
Differential
Clock, Positive
740
DCLK_CP
C21
Input
LVDS
Differential
Clock, Positive
736
DCLK_DP
AH20
Input
LVDS
Differential
Clock, Positive
738
SERIAL COMMUNICATIONS PORT (SCP)
SCP_DO
AC3
Output
LVCMOS
SDR
Serial Communications Port Output
SCP_DI
AD2
Input
LVCMOS
SDR
Pull-Down
Serial Communications Port Data Input
SCP_CLK
AE1
Input
LVCMOS
Pull-Down
Serial Communications Port Clock
SCP_ENZ
AD4
Input
LVCMOS
Pull-Down
Active-low Serial Communications Port
Enable
MICROMIRROR RESET CONTROL
RESET_ADDR(0)
H12
Input
LVCMOS
Pull-Down
Reset Driver Address Select
RESET_ADDR(1)
C5
Input
LVCMOS
Pull-Down
Reset Driver Address Select
RESET_ADDR(2)
B6
Input
LVCMOS
Pull-Down
Reset Driver Address Select
RESET_ADDR(3)
A19
Input
LVCMOS
Pull-Down
Reset Driver Address Select
RESET_MODE(0)
J1
Input
LVCMOS
Pull-Down
Reset Driver Mode Select
RESET_MODE(1)
G1
Input
LVCMOS
Pull-Down
Reset Driver Mode Select
RESET_SEL(0)
AK4
Input
LVCMOS
Pull-Down
Reset Driver Level Select
RESET_SEL(1)
AL13
Input
LVCMOS
Pull-Down
Reset Driver Level Select
RESET_STROBE
H6
Input
LVCMOS
Pull-Down
Reset Address, Mode, & Level latched on
rising-edge
ENABLES AND INTERRUPTS
PWRDNZ
B4
Input
LVCMOS
Active-low Device Reset
RESET_OEZ
AK24
Input
LVCMOS
Pull-Down
Active-low output enable for DMD reset
driver circuits
RESETZ
AL19
Input
LVCMOS
Pull-Down
Active-low sets Reset circuits in known
VOFFSET state
RESET_IRQZ
C3
Output
LVCMOS
Active-low, output interrupt to ASIC
VOLTAGE REGULATOR MONITORING
PG_BIAS
J19
Input
LVCMOS
Pull-Up
Active-low fault from external VBIAS
regulator
PG_OFFSET
A13
Input
LVCMOS
Pull-Up
Active-low fault from external VOFFSET
regulator
PG_RESET
AC19
Input
LVCMOS
Pull-Up
Active-low fault from external VRESET
regulator
EN_BIAS
J15
Output
LVCMOS
Active-high enable for external VBIAS
regulator
EN_OFFSET
H30
Output
LVCMOS
Active-high enable for external VOFFSET
regulator
EN_RESET
J17
Output
LVCMOS
Active-high enable for external VRESET
regulator
LEAVE PIN UNCONNECTED
MBRST(0)
L5
Output
Analog
Pull-Down
For proper DMD operation, do not connect
MBRST(1)
M28
Output
Analog
Pull-Down
For proper DMD operation, do not connect
MBRST(2)
P4
Output
Analog
Pull-Down
For proper DMD operation, do not connect
MBRST(3)
P30
Output
Analog
Pull-Down
For proper DMD operation, do not connect
MBRST(4)
L3
Output
Analog
Pull-Down
For proper DMD operation, do not connect
MBRST(5)
P28
Output
Analog
Pull-Down
For proper DMD operation, do not connect
MBRST(6)
P2
Output
Analog
Pull-Down
For proper DMD operation, do not connect
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DLP9000


Similar Part No. - DLP9000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000 TI1-DLP9000 Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
DLP9000 TI1-DLP9000 Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000BFLS TI1-DLP9000BFLS Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000FLS TI1-DLP9000FLS Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
DLP9000FLS TI1-DLP9000FLS Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
More results

Similar Description - DLP9000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP9000_016 TI1-DLP9000_016 Datasheet
948Kb / 59P
[Old version datasheet]   Family of 0.9 WQXGA Type A DMDs
DLP9000XUV TI1-DLP9000XUV Datasheet
2Mb / 57P
[Old version datasheet]   DLP9000XUV 0.9 UV WQXGA Type A DMD
DLP9000 TI1-DLP9000 Datasheet
932Kb / 56P
[Old version datasheet]   ype A DMDs
logo
Freescale Semiconductor...
MC68HC05F32 FREESCALE-MC68HC05F32 Datasheet
3Mb / 198P
   a member of the M68HC05 family of HCMOS
logo
ams AG
LOE67B AMSCO-LOE67B Datasheet
1Mb / 23P
   PowerTOPLED, a powerful member of the TOPLED family.
Version 1.2 2022-09-01
logo
STMicroelectronics
AN1335 STMICROELECTRONICS-AN1335 Datasheet
214Kb / 10P
   ST10F280 is a new member of ST10 family
logo
NXP Semiconductors
SL2S2002 NXP-SL2S2002 Datasheet
108Kb / 13P
   ICODE SLIX a product family of smart label ICs
Rev. 3.2-10 January 2011
logo
Freescale Semiconductor...
MC9328MX21S FREESCALE-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
   i.MX family of microprocessors
logo
NXP Semiconductors
MC9328MX21S NXP-MC9328MX21S Datasheet
1Mb / 88P
   MX family of microprocessors
Rev. 1.3, 06/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com