Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP4710 Datasheet(PDF) 4 Page - Texas Instruments

Part # DLP4710
Description  0.47 1080p DMD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP4710 Datasheet(HTML) 4 Page - Texas Instruments

  DLP4710_16 Datasheet HTML 1Page - Texas Instruments DLP4710_16 Datasheet HTML 2Page - Texas Instruments DLP4710_16 Datasheet HTML 3Page - Texas Instruments DLP4710_16 Datasheet HTML 4Page - Texas Instruments DLP4710_16 Datasheet HTML 5Page - Texas Instruments DLP4710_16 Datasheet HTML 6Page - Texas Instruments DLP4710_16 Datasheet HTML 7Page - Texas Instruments DLP4710_16 Datasheet HTML 8Page - Texas Instruments DLP4710_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
DLP4710
DLPS056B – NOVEMBER 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: DLP4710
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions – Connector Pins(1) (continued)
PIN
TYPE
SIGNAL
DATA RATE
DESCRIPTION
PACKAGE NET
LENGTH(2) (mm)
NAME
NO.
(3)
The following power supplies are all required to operate the DMD: VDD, VDDI, VOFFSET, VBIAS, VRESET. All VSS connections are
also required.
D_AP(4)
J6
I
SubLVDS
Double
Data, Positive
3.23
D_AP(5)
L6
I
SubLVDS
Double
Data, Positive
3.87
D_AP(6)
G6
I
SubLVDS
Double
Data, Positive
6.32
D_AP(7)
L4
I
SubLVDS
Double
Data, Positive
1.84
D_BN(0)
G27
I
SubLVDS
Double
Data, Negative
2.51
D_BN(1)
E26
I
SubLVDS
Double
Data, Negative
4.43
D_BN(2)
D28
I
SubLVDS
Double
Data, Negative
2.76
D_BN(3)
D26
I
SubLVDS
Double
Data, Negative
5.47
D_BN(4)
L25
I
SubLVDS
Double
Data, Negative
4.85
D_BN(5)
K25
I
SubLVDS
Double
Data, Negative
4.10
D_BN(6)
L28
I
SubLVDS
Double
Data, Negative
2.53
D_BN(7)
K27
I
SubLVDS
Double
Data, Negative
2.76
D_BP(0)
F27
I
SubLVDS
Double
Data, Positive
2.51
D_BP(1)
E27
I
SubLVDS
Double
Data, Positive
4.43
D_BP(2)
D27
I
SubLVDS
Double
Data, Positive
2.76
D_BP(3)
D25
I
SubLVDS
Double
Data, Positive
5.47
D_BP(4)
L26
I
SubLVDS
Double
Data, Positive
4.85
D_BP(5)
J25
I
SubLVDS
Double
Data, Positive
4.10
D_BP(6)
K28
I
SubLVDS
Double
Data, Positive
2.53
D_BP(7)
J27
I
SubLVDS
Double
Data, Positive
2.76
DCLK_AN
J3
I
SubLVDS
Double
Clock, Negative
3.77
DCLK_AP
K3
I
SubLVDS
Double
Clock, Positive
3.77
DCLK_BN
H26
I
SubLVDS
Double
Clock, Negative
2.98
DCLK_BP
H27
I
SubLVDS
Double
Clock, Positive
2.98
CONTROL INPUTS
LS_WDATA
D3
I
LPSDR(1)
Single
Write data for low speed interface.
1.20
LS_CLK
C3
I
LPSDR
Single
Clock for low-speed interface
1.20
DMD_DEN_ARSTZ
B6
I
LPSDR
Asynchronous reset DMD signal. A
low signal places the DMD in reset. A
high signal releases the DMD from
reset and places it in active mode.
4.19
LS_RDATA_A
C6
O
LPSDR
Single
Read data for low-speed interface
3.93
LS_RDATA_B
C4
O
LPSDR
Single
Read data for low-speed interface
2.57
POWER
VBIAS(3)
B27
Power
Supply voltage for positive bias level
at micromirrors
24.51
VBIAS(3)
B4
Power
24.51
VOFFSET(3)
B2
Power
Supply voltage for HVCMOS core
logic. Supply voltage for stepped high
level at micromirror address
electrodes.
Supply voltage for offset level at
micromirrors.
49.56
VOFFSET(3)
C29
Power
49.56
VRESET
B28
Power
Supply voltage for negative reset level
at micromirrors.
24.82
VRESET
B3
Power
24.82


Similar Part No. - DLP4710_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
[Old version datasheet]   0.47 1080p DMD
More results

Similar Description - DLP4710_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP4710 TI1-DLP4710_18 Datasheet
792Kb / 43P
[Old version datasheet]   0.47 1080p DMD
DLP470NE TI1-DLP470NE_19 Datasheet
763Kb / 46P
[Old version datasheet]   0.47 1080P DMD
DLP470NE TI1-DLP470NE Datasheet
469Kb / 42P
[Old version datasheet]   0.47 1080P DMD
DLP4710LC TI1-DLP4710LC Datasheet
760Kb / 44P
[Old version datasheet]   DLP4710LC 0.47 1080p DMD
DLP3310 TI1-DLP3310 Datasheet
145Kb / 5P
[Old version datasheet]   0.33 1080p DMD
DLP230NP TI1-DLP230NP Datasheet
122Kb / 6P
[Old version datasheet]   23 1080p DMD
DLP470TE TI1-DLP470TE Datasheet
684Kb / 44P
[Old version datasheet]   0.47 4K UHD DMD
DLP781NE TI-DLP781NE Datasheet
1Mb / 44P
[Old version datasheet]   DLP781NE 0.78 1080P DMD
OCTOBER 2022
DLP3310 TI1-DLP3310_18 Datasheet
901Kb / 41P
[Old version datasheet]   DLP3310 0.33 1080p DMD
DLP651NE TI-DLP651NE Datasheet
1Mb / 43P
[Old version datasheet]   DLP651NE 0.65 1080p DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com