Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP2010FQJ Datasheet(PDF) 6 Page - Texas Instruments

Part # DLP2010FQJ
Description  0.2 WVGA DMD
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010FQJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button DLP2010FQJ Datasheet HTML 2Page - Texas Instruments DLP2010FQJ Datasheet HTML 3Page - Texas Instruments DLP2010FQJ Datasheet HTML 4Page - Texas Instruments DLP2010FQJ Datasheet HTML 5Page - Texas Instruments DLP2010FQJ Datasheet HTML 6Page - Texas Instruments DLP2010FQJ Datasheet HTML 7Page - Texas Instruments DLP2010FQJ Datasheet HTML 8Page - Texas Instruments DLP2010FQJ Datasheet HTML 9Page - Texas Instruments DLP2010FQJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
DLP2010
DLPS046B – JULY 2014 – REVISED JULY 2016
www.ti.com
Product Folder Links: DLP2010
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device is not implied at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure above or below the Recommended Operation Conditions for extended periods may affect device
reliability.
(2)
All voltage values are with respect to the ground terminals (VSS). The following power supplies are all required to operate the DMD:
VSS, VDD, VDDI, VOFFSET, VBIAS, and VRESET.
(3)
VOFFSET supply transients must fall within specified voltages.
(4)
Exceeding the recommended allowable absolute voltage difference between VDDI and VDD may result in excessive current draw.
(5)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VOFFSET may result in excessive current
draw.
(6)
Exceeding the recommended allowable absolute voltage difference between VBIAS and VRESET may result in excessive current draw.
(7)
This maximum input voltage rating applies when each input of a differential pair is at the same voltage potential. Sub-LVDS differential
inputs must not exceed the specified limit or damage may result to the internal termination resistors.
(8)
The highest temperature of the active array (as calculated by the Micromirror Array Temperature Calculation), or of any point along the
Window Edge as defined in Figure 18. The locations of thermal test points TP2 and TP3 in Figure 18 are intended to measure the
highest window edge temperature. If a particular application causes another point on the window edge to be at a higher temperature,
that point should be used.
(9)
Temperature delta is the highest difference between the ceramic test point 1 (TP1) and anywhere on the window edge as shown in
Figure 18. The window test points TP2 and TP3 shown in Figure 18 are intended to result in the worst case delta. If a particular
application causes another point on the window edge to result in a larger delta temperature, that point should be used.
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage
VDD
Supply voltage for LVCMOS core logic(2)
Supply voltage for LPSDR low speed interface
–0.5
2.3
V
VDDI
Supply voltage for SubLVDS receivers(2)
–0.5
2.3
V
VOFFSET
Supply voltage for HVCMOS and micromirror
electrode(2)(3)
–0.5
10.6
V
VBIAS
Supply voltage for micromirror electrode(2)
–0.5
19
V
VRESET
Supply voltage for micromirror electrode(2)
–15
0.5
V
| VDDI–VDD |
Supply voltage delta (absolute value)(4)
0.3
V
| VBIAS–VOFFSET |
Supply voltage delta (absolute value)(5)
11
V
| VBIAS–VRESET |
Supply voltage delta (absolute value)(6)
34
V
Input voltage
Input voltage for other
inputs LPSDR(2)
–0.5
VDD + 0.5
V
Input voltage for other
inputs SubLVDS(2)(7)
–0.5
VDDI + 0.5
V
Input pins
| VID |
SubLVDS input differential voltage (absolute value)(7)
810
mV
IID
SubLVDS input differential current
8.1
mA
Clock
frequency
ƒclock
Clock frequency for low speed interface LS_CLK
130
MHz
ƒclock
Clock frequency for high speed interface DCLK
620
MHz
Environmental
TARRAY and TWINDOW
Temperature – operational(8)
–20
90
°C
Temperature – non-operational(8)
–40
90
°C
TDP
Dew Point Temperature - operating and non-
operating (non-condensing)
81
°C
|TDELTA|
Absolute Temperature delta between any point on
the window edge and the ceramic test point TP1(9)
30
°C
(1)
Long-term is defined as the usable life of the device.
(2)
Dew points beyond the specified long-term dew point are for short-term conditions only, where short-term is defined as less than 60
cumulative days over the usable life of the device (operating or storage).
6.2 Storage Conditions
applicable for the DMD as a component or non-operational in a system
MIN
MAX
UNIT
TDMD
DMD temperature
-40
85
°C
TDP
Dew Point Temperature
Long-term (non-condensing)(1)
24
Short-term (non-condensing)(2)
28


Similar Part No. - DLP2010FQJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2010FQJ TI1-DLP2010FQJ Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
More results

Similar Description - DLP2010FQJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
[Old version datasheet]   0.2 WVGA Near-Infrared DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP2010LC TI1-DLP2010LC Datasheet
737Kb / 43P
[Old version datasheet]   DLP2010LC .2 WVGA DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
[Old version datasheet]   2 WVGA Near-Infrared DMD
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000 TI1-DLP3000_17 Datasheet
1,020Kb / 37P
[Old version datasheet]   DLP 0.3 WVGA Series 220 DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
[Old version datasheet]   DLP3021-Q1 0.3-Inch WVGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com