Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC232CK Datasheet(PDF) 10 Page - Texas Instruments

Part # DDC232CK
Description  32-Channel, Current-Input Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232CK Datasheet(HTML) 10 Page - Texas Instruments

Back Button DDC232CK Datasheet HTML 6Page - Texas Instruments DDC232CK Datasheet HTML 7Page - Texas Instruments DDC232CK Datasheet HTML 8Page - Texas Instruments DDC232CK Datasheet HTML 9Page - Texas Instruments DDC232CK Datasheet HTML 10Page - Texas Instruments DDC232CK Datasheet HTML 11Page - Texas Instruments DDC232CK Datasheet HTML 12Page - Texas Instruments DDC232CK Datasheet HTML 13Page - Texas Instruments DDC232CK Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
0.10mF
+5V
10kW
10mF
4
3
2
3
1
2
7
6
+
0.10mF
10mF
+
OPA350
0.47mF
+5V
To VREF Pin on
the DDC232
REF3140
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
charge
needed
by
the
∆Σ
converter.
For
an
Integration Capacitors
integration time of 333ms, this charge translates to an
average VREF current of approximately 325mA. The
There are seven different capacitors available on-chip
amount of charge needed by the
∆Σ converter is
for both sides of every channel in the DDC232. These
independent
of
the
integration
time;
therefore,
internal capacitors are trimmed in production to
increasing the integration time lowers the average
achieve the specified performance for range error of
current. For example, an integration time of 800ms
the DDC232. The range control bits (Range[2:0])
lowers the average VREF current to 135mA.
change
the
capacitor
value
for
all
integrators.
Consequently, all inputs and both sides of each input
It is critical that VREF be stable during the different
will always have the same full-scale range. Table 4
modes of operation (see Figure 5). The
∆Σ converter
shows the capacitor value selected for each range
measures the voltage on the integrator with respect
selection.
to VREF. Since the integrator capacitors are initially
reset to VREF, any drop in VREF from the time the
Table 4. Range Selection
capacitors are reset to the time when the converter
measures the integrator output will introduce an
RANGE CONTROL BITS
INPUT
CF
RANGE
offset. It is also important that VREF be stable over
RANGE
Range[2]
Range[1]
Range[0]
(pF, typ)
(pC, typ)
longer periods of time because changes in VREF
0
0
0
0
3
–0.04 to 12.5
correspond directly to changes in the full-scale range.
1
0
0
1
12.5
–0.2 to 50
Finally, VREF should introduce as little additional
2
0
1
0
25
–0.4 to 100
noise as possible.
3
0
1
1
37.5
–0.6 to 150
For these reasons, it is strongly recommended that
4
1
0
0
50
–0.8 to 200
the external reference source be buffered with an
5
1
0
1
62.5
–0.1 to 250
operational amplifier, as shown in Figure 6. In this
6
1
1
0
75
–1.2 to 300
circuit, the voltage reference is generated by a
7
1
1
1
87.5
–1.4 to 350
+4.096V reference. A low-pass filter to reduce noise
connects the reference to an operational amplifier
configured as a buffer. This amplifier should have low
Voltage Reference
noise and input/output common-mode ranges that
The external voltage reference is used to reset the
support VREF. Even though the circuit in Figure 6
integration capacitors before an integration cycle
might appear to be unstable due to the large output
begins. It is also used by the
∆Σ converter while the
capacitors,
it
works
well
for
most
operational
converter is measuring the voltage stored on the
amplifiers.
It
is
not
recommended
that
series
integrators after an integration cycle ends. During this
resistance be placed in the output lead to improve
sampling, the external reference must supply the
stability since this can cause a drop in VREF, which
produces large offsets.
Figure 6. Recommended External Voltage Reference Circuit for Best Low-Noise Operation
10
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232


Similar Part No. - DDC232CK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC232CK TI1-DDC232CK Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC232CKZXGR TI1-DDC232CKZXGR Datasheet
977Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC232CKZXGR TI1-DDC232CKZXGR Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC232CKZXGT TI1-DDC232CKZXGT Datasheet
977Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC232CKZXGT TI1-DDC232CKZXGT Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
More results

Similar Description - DDC232CK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC232 TI1-DDC232_17 Datasheet
977Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
   32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI-DDC316 Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
[Old version datasheet]   128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
[Old version datasheet]   256-Channel, Current-Input Analog-To-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
[Old version datasheet]   64-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
[Old version datasheet]   DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com