Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIT4096IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4096IPWR
Description  96kHz Digital Audio Transmitter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIT4096IPWR Datasheet(HTML) 1 Page - Texas Instruments

  DIT4096IPWR Datasheet HTML 1Page - Texas Instruments DIT4096IPWR Datasheet HTML 2Page - Texas Instruments DIT4096IPWR Datasheet HTML 3Page - Texas Instruments DIT4096IPWR Datasheet HTML 4Page - Texas Instruments DIT4096IPWR Datasheet HTML 5Page - Texas Instruments DIT4096IPWR Datasheet HTML 6Page - Texas Instruments DIT4096IPWR Datasheet HTML 7Page - Texas Instruments DIT4096IPWR Datasheet HTML 8Page - Texas Instruments DIT4096IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DIT4096
SBOS225B – DECEMBER 2001 – REVISED JUNE 2003
www.ti.com
DESCRIPTION
The DIT4096 is a digital audio transmitter designed for use
in both professional and consumer audio applications. Trans-
mit data rates up to 96kHz are supported. The DIT4096
supports both software and hardware operation, which makes
it suitable for applications with or without a microcontroller. A
flexible serial audio interface is provided, supporting stan-
dard audio data formats and easy interfacing to audio DSP
serial ports.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001-2003, Texas Instruments Incorporated
96kHz Digital Audio Transmitter
FEATURES
q COMPLIANT WITH AES-3, IEC-60958, AND EIAJ
CP1201 INTERFACE STANDARDS
q SUPPORTS SAMPLING RATES UP TO 96kHz
q SUPPORTS MONO-MODE OPERATION
q ON-CHIP DIFFERENTIAL LINE DRIVER
q FLEXIBLE AUDIO SERIAL INTERFACE:
-Master or Slave Mode Operation
-Supports I2S, Left-Justified, and Right-Justified
Data Formats
q SOFTWARE MODE VIA SERIAL CONTROL
INTERFACE:
-Block Sized Buffer for Channel Status Data
-Auto Increment Mode for Block Sized Write and
Read Operations
q HARDWARE MODE ALLOWS OPERATION WITH-
OUT A MICROCONTROLLER
q CRC CODE GENERATION FOR PROFESSIONAL
MODE
q MASTER CLOCK RATE: 256f
S, 384fS, or 512fS
q +5V CORE SUPPLY (V
DD)
q +2.7V TO V
DD LOGIC I/O SUPPLY (VIO)
q PACKAGE: TSSOP-28
APPLICATIONS
q DIGITAL MIXING CONSOLES
q DIGITAL MICROPHONES
q DIGITAL AUDIO WORKSTATIONS
q BROADCAST STUDIO EQUIPMENT
q EFFECTS PROCESSORS
q SURROUND-SOUND DECODERS AND ENCODERS
q A/V RECEIVERS
q DVD, CD, DAT, AND MD PLAYERS
q AUDIO TEST EQUIPMENT
DIT4096
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - DIT4096IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4096IPWR TI-DIT4096IPWR Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
More results

Similar Description - DIT4096IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Asahi Kasei Microsystem...
AKD4112B-B AKM-AKD4112B-B Datasheet
419Kb / 25P
   96kHz digital audio receiver.
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
logo
Texas Instruments
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
[Old version datasheet]   192kHz Digital Audio Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com