Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIT4096 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DIT4096
Description  96kHz Digital Audio Transmitter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DIT4096 Datasheet(HTML) 2 Page - Texas Instruments

  DIT4096 Datasheet HTML 1Page - Texas Instruments DIT4096 Datasheet HTML 2Page - Texas Instruments DIT4096 Datasheet HTML 3Page - Texas Instruments DIT4096 Datasheet HTML 4Page - Texas Instruments DIT4096 Datasheet HTML 5Page - Texas Instruments DIT4096 Datasheet HTML 6Page - Texas Instruments DIT4096 Datasheet HTML 7Page - Texas Instruments DIT4096 Datasheet HTML 8Page - Texas Instruments DIT4096 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DIT4096
2
SBOS225A
www.ti.com
Power-Supply Voltage, VDD .............................................................. +6.5V
VIO .............................................................. +6.5V
Input Current ...................................................................................
±10mA
Digital Input Voltage .......................................................... –0.2V to +5.5V
Digital Output Voltage ............................................ –0.2V to (VDD + 0.2V)
Power Dissipation .......................................................................... 300mW
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature ..................................................... –55
°C to +125°C
Lead Temperature (soldering, 5s) ................................................. +260
°C
Package Temperature (IR re-flow, 10s) ........................................ +235
°C
ABSOLUTE MAXIMUM RATINGS(1)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PACKAGE/ORDERING INFORMATION
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
DIT4096
TSSOP-28
PW
–40
°C to +85°C
DIT4096IPW
DIT4096IPW
Rails, 50
""
"
"
"
DIT4096IPWR
Tape and Reel, 2000
NOTE: (1) For the most current specifications and package information, refer to our web site at www.ti.com.
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.


Similar Part No. - DIT4096

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
DIT4096IPW TI-DIT4096IPW Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
DIT4096IPWR TI-DIT4096IPWR Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
More results

Similar Description - DIT4096

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DIT4096 TI-DIT4096 Datasheet
340Kb / 22P
[Old version datasheet]   96kHz Digital Audio Transmitter
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
April 2010
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
   96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Asahi Kasei Microsystem...
AKD4112B-B AKM-AKD4112B-B Datasheet
419Kb / 25P
   96kHz digital audio receiver.
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
AKD5365 AKM-AKD5365_06 Datasheet
330Kb / 37P
   digital audio 24bit 96kHz A/D converter
AKD5358A-B AKM-AKD5358A-B Datasheet
196Kb / 20P
   digital audio 24bit 96kHz A/D converter
logo
Texas Instruments
DIT4192 TI1-DIT4192_15 Datasheet
952Kb / 27P
[Old version datasheet]   192kHz Digital Audio Transmitter
logo
List of Unclassifed Man...
CS8401 ETC-CS8401 Datasheet
365Kb / 34P
   Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com