Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC112UK/1K Datasheet(PDF) 6 Page - Texas Instruments

Part # DDC112UK/1K
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC112UK/1K Datasheet(HTML) 6 Page - Texas Instruments

Back Button DDC112UK/1K Datasheet HTML 2Page - Texas Instruments DDC112UK/1K Datasheet HTML 3Page - Texas Instruments DDC112UK/1K Datasheet HTML 4Page - Texas Instruments DDC112UK/1K Datasheet HTML 5Page - Texas Instruments DDC112UK/1K Datasheet HTML 6Page - Texas Instruments DDC112UK/1K Datasheet HTML 7Page - Texas Instruments DDC112UK/1K Datasheet HTML 8Page - Texas Instruments DDC112UK/1K Datasheet HTML 9Page - Texas Instruments DDC112UK/1K Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
DDC112
6
SBAS085B
www.ti.com
NOISE vs T
INT
1
1000
0.1
100
10
T
INT (ms)
0
1
2
3
4
5
6
C
SENSOR = 50pF
C
SENSOR = 0pF
Range 5
TYPICAL CHARACTERISTICS
At TA = +25°C, characterization done with Range 5 (250pC), TINT = 500µs, VREF = +4.096, AVDD = DVDD = +5V, and CLK = 10MHz, unless otherwise noted.
NOISE vs C
SENSOR
200
800
0
1000
600
400
C
SENSOR (pF)
0
10
20
30
40
50
60
70
Range 7
Range 2
Range 1
Range 0
(C
EXT = 250pF)
NOISE vs INPUT LEVEL
30
40
20
90
10
100
70
80
10
50
60
Input Level (% of Full-Scale)
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
C
SENSOR = 50pF
C
SENSOR = 0pF
Range 5
NOISE vs TEMPERATURE
9
8
7
6
5
4
3
2
1
0
–40
–15
10
35
60
85
Temperature (
°C)
Range 1
Range 2
Range 7
Range 3
C
SENSOR = 0pF
RANGE DRIFT vs TEMPERATURE
–40
–15
10
35
60
85
Temperature (
°C)
Ranges 1 - 7
(Internal Integration Capacitor)
2000
1500
1000
500
0
–500
–1000
–1500
I
B vs TEMPERATURE
25
35
45
55
65
75
85
Temperature (°C)
All Ranges
10
1
0.1
0.01


Similar Part No. - DDC112UK/1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC112UK/1K TI-DDC112UK/1K Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - DDC112UK/1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC114 TI1-DDC114_14 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC118 TI1-DDC118_16 Datasheet
1Mb / 36P
[Old version datasheet]   Octal Current Input, 20-Bit Analog-To-Digital Converter
logo
Burr-Brown (TI)
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
   Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com