Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC112U Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112U
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC112U Datasheet(HTML) 5 Page - Texas Instruments

  DDC112U Datasheet HTML 1Page - Texas Instruments DDC112U Datasheet HTML 2Page - Texas Instruments DDC112U Datasheet HTML 3Page - Texas Instruments DDC112U Datasheet HTML 4Page - Texas Instruments DDC112U Datasheet HTML 5Page - Texas Instruments DDC112U Datasheet HTML 6Page - Texas Instruments DDC112U Datasheet HTML 7Page - Texas Instruments DDC112U Datasheet HTML 8Page - Texas Instruments DDC112U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DDC112
5
SBAS085B
www.ti.com
CAP1A
CAP1A
AV
DD
NC
NC
TEST
CONV
CLK
CAP2A
CAP2A
V
REF
AGND
NC
NC
RANGE2 (MSB)
RANGE1
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DDC112Y
PIN CONFIGURATION
Top View
TQFP
PIN DESCRIPTIONS
PIN
LABEL
DESCRIPTION
1
CAP1A
External Capacitor for Integrator 1A
2
CAP1A
External Capacitor for Integrator 1A
3AVDD
Analog Supply, +5V Nominal
4
NC
No Connection
5
NC
No Connection
6
TEST
Test Control Input. When HIGH, a test charge is
applied to the A or B integrators on the next CONV
transition.
7
CONV
Controls which side of the integrator is connected to
input. In continuous mode; CONV HIGH side A is
integrating, CONV LOW side B is integrating CONV
must be synchronized with CLK (see text).
8
CLK
System Clock Input, 10MHz Nominal
9
DCLK
Serial Data Clock Input. This input operates the
serial I/O shift register.
10
DXMIT
Serial Data Transmit Enable Input. When LOW, this
input enables the internal serial shift register.
11
DIN
Serial Digital Input. Used to cascade multiple
DDC112s.
12
DVDD
Digital Supply, +5V Nominal
13
DGND
Digital Ground
14
DOUT
Serial Data Output, Hi-Z when DXMIT is HIGH
PIN
LABEL
DESCRIPTION
15
DVALID
Data Valid Output. A LOW value indicates valid data is
available in the serial I/O register.
16
RANGE0
Range Control Input 0 (least significant bit)
17
RANGE1
Range Control Input 1
18
RANGE2
Range Control Input 2. (most significant bit)
19
NC
No Connection
20
NC
No Connection
21
AGND
Analog Ground
22
VREF
External Reference Input, +4.096V Nominal
23
CAP2A
External Capacitor for Integrator 2A
24
CAP2A
External Capacitor for Integrator 2A
25
CAP2B
External Capacitor for Integrator 2B
26
CAP2B
External Capacitor for Integrator 2B
27
AGND
Analog Ground
28
IN2
Input 2: analog input for Integrators 2A and 2B. The
integrator that is active is set by the CONV input.
29
IN1
Input 1: analog input for Integrators 1A and 1B. The
integrator that is active is set by the CONV input.
30
AGND
Analog Ground
31
CAP1B
External Capacitor for Integrator 1B
32
CAP1B
External Capacitor for Integrator 1B


Similar Part No. - DDC112U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC112U BURR-BROWN-DDC112U Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112U TI-DDC112U Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112U/1K TI-DDC112U/1K Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC112UK BURR-BROWN-DDC112UK Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112UK TI-DDC112UK Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - DDC112U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC114 TI1-DDC114_14 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC118 TI1-DDC118_16 Datasheet
1Mb / 36P
[Old version datasheet]   Octal Current Input, 20-Bit Analog-To-Digital Converter
logo
Burr-Brown (TI)
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
   Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com