Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP020515DU/1K Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DCP020515DU/1K
Description  DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP020515DU/1K Datasheet(HTML) 8 Page - Texas Instruments

Back Button DCP020515DU/1K Datasheet HTML 4Page - Texas Instruments DCP020515DU/1K Datasheet HTML 5Page - Texas Instruments DCP020515DU/1K Datasheet HTML 6Page - Texas Instruments DCP020515DU/1K Datasheet HTML 7Page - Texas Instruments DCP020515DU/1K Datasheet HTML 8Page - Texas Instruments DCP020515DU/1K Datasheet HTML 9Page - Texas Instruments DCP020515DU/1K Datasheet HTML 10Page - Texas Instruments DCP020515DU/1K Datasheet HTML 11Page - Texas Instruments DCP020515DU/1K Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Oscillator
800 kHz
SYNC
+VS
Divide-by-2
Reset
Watchdog
Startup
PSU Thermal
Shutdown
Power
Stage
+VOUT
–VOUT
–VS
Power Controller
COM
Oscillator
800 kHz
SYNC
+VS
Divide-by-2
Reset
Watchdog
Startup
PSU Thermal
Shutdown
Power
Stage
+VOUT
–VOUT
–VS
Power Controller
DCP020503, DCP020505, DCP020507, DCP020509, DCP020515D, DCP021205
DCP021212, DCP021212D, DCP021515, DCP022405, DCP022405D, DCP022415D
SBVS011L – MARCH 2000 – REVISED MAY 2015
www.ti.com
8 Detailed Description
8.1 Overview
The DCP02 offers up to 2 W of isolated, unregulated output power from a 5-V, 12-V, 15-V, or 24-V input source
with a typical efficiency of up to 89%. This efficiency is achieved through highly integrated packaging technology
and the implementation of a custom power stage and control device. The DCP02 devices are specified for
operational isolation only. The circuit design uses an advanced BiCMOS/DMOS process.
8.2 Functional Block Diagrams
Figure 7. Single Output Device
Figure 8. Dual Output Device
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: DCP020503 DCP020505 DCP020507 DCP020509 DCP020515D DCP021205 DCP021212
DCP021212D DCP021515 DCP022405 DCP022405D DCP022415D


Similar Part No. - DCP020515DU/1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP020515DU/1K TI-DCP020515DU/1K Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020515DU/1K TI-DCP020515DU/1K Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP020515DU/1K TI1-DCP020515DU/1K Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP020515DU/1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com