Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010512DBP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DCP010512DBP
Description  1-W, Isolated, Unregulated DC/DC Converter Modules
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP010512DBP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DCP010512DBP Datasheet HTML 6Page - Texas Instruments DCP010512DBP Datasheet HTML 7Page - Texas Instruments DCP010512DBP Datasheet HTML 8Page - Texas Instruments DCP010512DBP Datasheet HTML 9Page - Texas Instruments DCP010512DBP Datasheet HTML 10Page - Texas Instruments DCP010512DBP Datasheet HTML 11Page - Texas Instruments DCP010512DBP Datasheet HTML 12Page - Texas Instruments DCP010512DBP Datasheet HTML 13Page - Texas Instruments DCP010512DBP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
Load (%)
20
30
40
50
60
70
80
90
100
17
16.5
16
15
14
13.5
13
+VOUT
±VOUT
15.5
14.5
10
Load (%)
20
30
40
50
60
70
80
90
100
80
70
60
50
40
30
90
10
Load (%)
20
30
40
50
60
70
80
90
100
80
70
60
50
40
30
75
65
55
45
35
10
Load (%)
20
30
40
50
60
70
80
90
100
13.5
13.0
12.5
12.0
11.5
11.0
10.5
+VOUT
±VOUT
Load (%)
5.60
5.50
5.40
5.30
5.20
5.10
5.00
4.90
4.80
20
30
60
50
70
80
100
40
10
Load (%)
90
80
70
60
50
40
30
20
10
0
20
30
70
60
80
90
100
40
50
10
DCP010505B, DCP010512B, DCP010515B, DCP012405B, DCP010505DB, DCP010507DB
DCP010512DB, DCP010515DB, DCP011512DB, DCP011515DB, DCP012415DB
SBVS012F – DECEMBER 2000 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, V+VS = nominal, (unless otherwise noted)
DCP012405B
DCP012405B
Figure 19. Load Regulation
Figure 20. Efficiency vs Load
DCP011512DB
DCP011512DB
Figure 21. Load Regulation
Figure 22. Efficiency vs Load
DCP011515DB
DCP011515DB
Figure 23. Load Regulation
Figure 24. Efficiency vs Load
10
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: DCP010505B DCP010512B DCP010515B DCP012405B DCP010505DB DCP010507DB
DCP010512DB DCP010515DB DCP011512DB DCP011515DB DCP012415DB


Similar Part No. - DCP010512DBP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010512DBP BURR-BROWN-DCP010512DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512DBP BURR-BROWN-DCP010512DBP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512DBP BURR-BROWN-DCP010512DBP Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010512DBP TI-DCP010512DBP Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512DBP TI1-DCP010512DBP Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP010512DBP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com