Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520Y157M008AME045 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T520Y157M008AME045
Description  High frequency capacitance retention
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520Y157M008AME045 Datasheet(HTML) 5 Page - Kemet Corporation

  T520Y157M008AME045 Datasheet HTML 1Page - Kemet Corporation T520Y157M008AME045 Datasheet HTML 2Page - Kemet Corporation T520Y157M008AME045 Datasheet HTML 3Page - Kemet Corporation T520Y157M008AME045 Datasheet HTML 4Page - Kemet Corporation T520Y157M008AME045 Datasheet HTML 5Page - Kemet Corporation T520Y157M008AME045 Datasheet HTML 6Page - Kemet Corporation T520Y157M008AME045 Datasheet HTML 7Page - Kemet Corporation T520Y157M008AME045 Datasheet HTML 8Page - Kemet Corporation T520Y157M008AME045 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2015_T520 • 10/13/2015
55
KEMET Organic Capacitor (KO-CAP®) – Industrial
T520 Low ESR Polymer Electrolytic, 2 – 25 VDC
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-Magnetic 100% Tin
(Sn), M = Non-Magnetic (SnPb). Refer to Ordering Information for additional detail.
Also available on large (13 inch) reels. Add 7280 to the end of the part number.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitutions will be marked
with the higher voltage rating. Substitutions can include better than series.
* Part numbers with an asterisk are not recommended for new designs. Please use the T521 version of these part numbers.
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
MSL
Maximum
Operating
Temp
VDC at 105°C
µF
KEMET/EIA
(See below for
part options)
µA at 25°C
Maximum/5
Minutes
% at 25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
mA at 45°C
100 kHz
Reflow Temp
≤ 260ºC
ºC
2
470
V/7343-19
T520V477M002A(1)E040
94
10
40
2200
3
105
2.5
47
A/3216-18
T520A476M2R5A(1)E090
12
8
90
1100
3
105
2.5
68
A/3216-18
T520A686M2R5A(1)E070
17
8
70
1300
3
105
2.5
68
A/3216-18
T520A686M2R5A(1)E080
17
8
80
1200
3
105
2.5
100
T/3528-12
T520T107M2R5A(1)E040
25
8
40
1600
3
105
2.5
100
T/3528-12
T520T107M2R5A(1)E070
25
8
70
1200
3
105
2.5
100
B/3528-21
T520B107M2R5A(1)E025
25
8
25
2300
3
105
2.5
100
B/3528-21
T520B107M2R5A(1)E035
25
8
35
1900
3
105
2.5
100
B/3528-21
T520B107M2R5A(1)E040
25
8
40
1800
3
105
2.5
100
B/3528-21
T520B107M2R5A(1)E070
25
8
70
1300
3
105
2.5
150
U/6032-15
T520U157M2R5A(1)E055
38
8
55
1600
3
105
2.5
220
A/3216-18
T520A227M2R5A(1)E035
55
8
35
1464
3
105
2.5
220
B/3528-21
T520B227M2R5A(1)E015
55
8
15
2900
3
105
2.5
220
B/3528-21
T520B227M2R5A(1)E018
55
8
18
2700
3
105
2.5
220
B/3528-21
T520B227M2R5A(1)E021
55
8
21
2500
3
105
2.5
220
B/3528-21
T520B227M2R5A(1)E025
55
8
25
2300
3
105
2.5
220
B/3528-21
T520B227M2R5A(1)E030
55
8
30
2100
3
105
2.5
220
B/3528-21
T520B227M2R5A(1)E035
55
8
35
1900
3
105
2.5
220
B/3528-21
T520B227M2R5A(1)E055
55
8
55
1500
3
105
2.5
220
B/3528-21
T520B227M2R5A(1)E070
55
8
70
1300
3
105
2.5
220
T/3528-12
T520T227M2R5A(1)E070
55
10
70
1225
3
105
2.5
220
U/6032-15
T520U227M2R5A(1)E055
55
8
55
1600
3
105
2.5
220
C/6032-28
T520C227M2R5A(1)E025
55
8
25
2600
3
105
2.5
220
C/6032-28
T520C227M2R5A(1)E045
55
8
45
1900
3
105
2.5
220
W/7343-15
T520W227M2R5A(1)E025
55
10
25
2700
3
105
2.5
220
V/7343-19
T520V227M2R5A(1)E006
55
10
6
5600
3
105
2.5
220
V/7343-19
T520V227M2R5A(1)E007
55
10
7
5200
3
105
2.5
220
V/7343-19
T520V227M2R5A(1)E009
55
10
9
4600
3
105
2.5
220
V/7343-19
T520V227M2R5A(1)E012
55
10
12
3900
3
105
2.5
220
V/7343-19
T520V227M2R5A(1)E015
55
10
15
3500
3
105
2.5
220
V/7343-19
T520V227M2R5A(1)E025
55
10
25
2700
3
105
2.5
220
V/7343-19
T520V227M2R5A(1)E045
55
10
45
2000
3
105
2.5
220
D/7343-31
T520D227M2R5A(1)E007
55
10
7
5700
3
105
2.5
220
D/7343-31
T520D227M2R5A(1)E040
55
10
40
2400
3
105
2.5
330
B/3528-21
T520B337M2R5A(1)E009
83
8
9
3073
3
105
2.5
330
B/3528-21
T520B337M2R5A(1)E012
83
8
12
2700
3
105
2.5
330
B/3528-21
T520B337M2R5A(1)E015
83
8
15
2900
3
105
2.5
330
B/3528-21
T520B337M2R5A(1)E018
83
8
18
2700
3
105
2.5
330
B/3528-21
T520B337M2R5A(1)E035
83
8
35
1900
3
105
2.5
330
B/3528-21
T520B337M2R5A(1)E045
83
8
45
1700
3
105
2.5
330
B/3528-21
T520B337M2R5A(1)E070
83
8
70
1300
3
105
2.5
330
C/6032-28
T520C337M2R5A(1)E015
83
8
15
3300
3
105
2.5
330
C/6032-28
T520C337M2R5A(1)E018
83
8
18
3000
3
105
2.5
330
C/6032-28
T520C337M2R5A(1)E025
83
8
25
2600
3
105
2.5
330
C/6032-28
T520C337M2R5A(1)E045
83
8
45
1900
3
105
2.5
330
L/6032-19
T520L337M2R5A(1)E009
83
8
9
4100
3
105
VDC at 105°C
µF
KEMET/EIA
(See below for
part options)
µA at 25°C
Maximum/5
Minutes
% at 25°C
120 Hz
Maximum
mΩ at 25°C
100 kHz
Maximum
mA at 45°C
100 kHz
Reflow Temp
≤ 260ºC
ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum
Allowable
Ripple Current
MSL
Maximum
Operating
Temp


Similar Part No. - T520Y157M008AME045

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520Y157M003AHE015 KEMET-T520Y157M003AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y157M003ASE015 KEMET-T520Y157M003ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y157M003ATE015 KEMET-T520Y157M003ATE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y157M004AHE015 KEMET-T520Y157M004AHE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T520Y157M004ASE015 KEMET-T520Y157M004ASE015 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
More results

Similar Description - T520Y157M008AME045

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
1403 IET-1403 Datasheet
214Kb / 2P
   High frequency capacitance standards
August 2022
logo
Nichicon corporation
RHS NICHICON-RHS Datasheet
681Kb / 2P
   High Capacitance
RNE NICHICON-RNE Datasheet
678Kb / 2P
   High Capacitance
RSS NICHICON-RSS Datasheet
706Kb / 2P
   High Capacitance
logo
Rohm
MCH32 ROHM-MCH32 Datasheet
1Mb / 5P
   High capacitance
logo
Nichicon corporation
RFS NICHICON-RFS Datasheet
733Kb / 2P
   High Capacitance
RNU NICHICON-RNU Datasheet
699Kb / 2P
   High Capacitance
logo
American Accurate Compo...
UMSA04A03T1V1 AAC-UMSA04A03T1V1 Datasheet
59Kb / 1P
   UMS Ultra-Low Capacitance MAX Guard짰 ESD Suppressor (High Frequency Type)
UMSA24A03T1V1 AAC-UMSA24A03T1V1 Datasheet
66Kb / 1P
   Ultra-Low Capacitance MAX Guard ESD Suppressor Array (High Frequency Type)
logo
Fluke Corporation
115 FLUKE-115 Datasheet
1Mb / 2P
   Resistance, continuity, frequency, capacitance, and diode test
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com