Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP021212 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DCP021212
Description  DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCP021212 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DCP021212 Datasheet HTML 7Page - Texas Instruments DCP021212 Datasheet HTML 8Page - Texas Instruments DCP021212 Datasheet HTML 9Page - Texas Instruments DCP021212 Datasheet HTML 10Page - Texas Instruments DCP021212 Datasheet HTML 11Page - Texas Instruments DCP021212 Datasheet HTML 12Page - Texas Instruments DCP021212 Datasheet HTML 13Page - Texas Instruments DCP021212 Datasheet HTML 14Page - Texas Instruments DCP021212 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
VIN
COUT
1.0 F
DCP
02
+VS
–VS
+VOUT
COM
CIN
–VOUT
COUT
1.0 F
+VOUT
–VOUT
VIN
COUT
1.0 F
DCP
02
+VS
SYNC
–VS
+VOUT1
–VOUT1
COUT
1.0 F
DCP
02
VS
SYNC
–VS
+VOUT2
–VOUT2
CIN
CIN
VOUT1
+
VOUT2
DCP020503, DCP020505, DCP020507, DCP020509, DCP020515D, DCP021205
DCP021212, DCP021212D, DCP021515, DCP022405, DCP022405D, DCP022415D
www.ti.com
SBVS011L – MARCH 2000 – REVISED MAY 2015
8.4 Device Functional Modes
8.4.1 Disable/Enable (SYNC pin)
Any of the DCP02 series devices can be disabled or enabled by driving the SYNC pin using an open drain
CMOS gate. If the SYNC pin is pulled low, the DCP02 becomes disabled. The disable time depends upon the
external loading. The internal disable function is implemented in 2
μs. Removal of the pull down causes the
DCP02 to be enabled.
Capacitive loading on the SYNC pin should be minimized (
≤ 3 pF) in order to prevent a reduction in the oscillator
frequency. The application report External Synchronization of the DCP01/02 Series of DC/DC Converters
(SBAA035) describes disable/enable control circuitry.
8.4.2 Decoupling
8.4.2.1 Ripple Reduction
The high switching frequency of 400 kHz allows simple filtering. To reduce ripple, it is recommended that a
minimum of 1-
μF capacitor be used on the VOUT pin. For dual output devices, decouple both of the outputs to the
COM pin. A 2.2-
μF capacitor on the input is also recommended.
8.4.2.2 Connecting the DCP02 in Series
Multiple DCP02 isolated 2W DC/DC converters can be connected in series to provide non-standard voltage rails.
This configuration is possible by using the floating outputs provided by the galvanic isolation of the DCP02.
Connect the +VOUT from one DCP02 to the –VOUT of another (see Figure 9). If the SYNC pins are tied together,
the self-synchronization feature of the DCP02 prevents beat frequencies on the voltage rails. The SYNC feature
of the DCP02 allows easy series connection without external filtering, thus minimizing cost.
The outputs of a dual-output DCP02 can also be connected in series to provide two times the magnitude of VOUT,
as shown in Figure 10. For example, connect a dual-output, 15-V, DCP022415D device to provide a 30-V rail.
All 5-V, 12-V, and 15-V input voltage designs require a2.2-
μF, low-ESR ceramic input capacitor, while 24-V input
applications require only 0.47
μF of input capacitance.
Figure 9. Multiple DCP02 Devices Connected in Series
Figure 10. Dual Output Devices Connected in Series
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DCP020503 DCP020505 DCP020507 DCP020509 DCP020515D DCP021205 DCP021212
DCP021212D DCP021515 DCP022405 DCP022405D DCP022415D


Similar Part No. - DCP021212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP021212DP TI-DCP021212DP Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021212DP TI-DCP021212DP Datasheet
733Kb / 20P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021212DP TI1-DCP021212DP Datasheet
598Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021212DP TI1-DCP021212DP Datasheet
604Kb / 18P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
DCP021212DU TI-DCP021212DU Datasheet
530Kb / 17P
[Old version datasheet]   Miniature, 2W, Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP021212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCPA10505 TI1-DCPA10505 Datasheet
665Kb / 27P
[Old version datasheet]   Series 1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
PUS-0503.3-2W POWER-SYSTEMS-PUS-0503.3-2W Datasheet
185Kb / 6P
   DC-DC Converter UNIT 2 W UNREGULATED DC-DC CONVERTER
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MBUS-0505 POWER-SYSTEMS-MBUS-0505 Datasheet
197Kb / 5P
   DC-DC Converter UNIT 1.25 W UNREGULATED DC-DC CONVERTER
HUS-0505 POWER-SYSTEMS-HUS-0505 Datasheet
182Kb / 5P
   DC-DC Converter UNIT 1.8 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
MORNSUN Science& Techno...
B0305M-1W MORNSUN-B0305M-1W Datasheet
340Kb / 4P
   ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com