Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC9881SRGET Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC9881SRGET
Description  18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC9881SRGET Datasheet(HTML) 1 Page - Texas Instruments

  DAC9881SRGET Datasheet HTML 1Page - Texas Instruments DAC9881SRGET Datasheet HTML 2Page - Texas Instruments DAC9881SRGET Datasheet HTML 3Page - Texas Instruments DAC9881SRGET Datasheet HTML 4Page - Texas Instruments DAC9881SRGET Datasheet HTML 5Page - Texas Instruments DAC9881SRGET Datasheet HTML 6Page - Texas Instruments DAC9881SRGET Datasheet HTML 7Page - Texas Instruments DAC9881SRGET Datasheet HTML 8Page - Texas Instruments DAC9881SRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
DAC9881
1
FEATURES
DESCRIPTION
APPLICATIONS
R
FB
(1)
Control
Logic
DGND
IOV
DD
AGND
AV
DD
V
-S
REFH
V
-F
REFH
RST
RSTSEL
USB/BTC
GAIN
SDI
CS
SCLK
Input
Register
DAC
Latch
LDAC
V
-S
REFL
V
-F
REFL
Resistor
Network
DAC
NOTE:(1) R
=5k
forgain=1,
W
FB
R
=10k
forgain=2.
W
FB
DAC9881
SerialOut
Control
SDOSEL
SDO
Power-On
Reset
PDN
V
OUT
R
FB
DAC9881
www.ti.com ......................................................................................................................................................... SBAS438A – MAY 2008 – REVISED AUGUST 2008
18-Bit, Single-Channel, Low-Noise, Voltage-Output
DIGITAL-TO-ANALOG CONVERTER
234
• 18-Bit Monotonic Over Temperature Range
The
DAC9881
is
an
18-bit,
single-channel,
voltage-output digital-to-analog converter (DAC). It
• Relative Accuracy: ±2LSB Max
features 18-bit monotonicity, excellent linearity, very
• Low-Noise: 24nV/√Hz
low-noise,
and
fast
settling
time.
The
on-chip
• Fast Settling: 5µs
precision output amplifier allows rail-to-rail output
• On-Chip Output Buffer Amplifier with
swing to be achieved over the full supply range of
2.7V to 5.5V.
Rail-to-Rail Operation
• Single Power Supply: +2.7V to +5.5V
The device supports a standard SPI serial interface
capable of operating with input data clock frequencies
• DAC Loading Control
up to 50MHz. The DAC9881 requires an external
• Selectable Power-On Reset to Zero-Scale or
reference voltage to set the output range of the DAC
Midscale
channel. A programmable power-on reset circuit is
• Power-Down Mode
also incorporated into the device to ensure that the
DAC output powers up at zero-scale or midscale, and
• Unipolar Straight Binary or
remains there until a valid write command.
Twos Complement Input Mode
Additionally, the DAC9881 has the capability to
• Fast SPI™ Interface with Schmitt-Triggered
function in either unipolar straight binary or twos
Inputs: up to 50MHz, 1.8V/3V/5V Logic
complement
mode.
The
DAC9881
provides
• Small Package: QFN-24, 4mm × 4mm
low-power
operation.
To
further
save
energy,
power-down mode can be achieved by accessing the
PDN pin, thereby reducing the current consumption to
• Automatic Test Equipment
25
µA at 5V. Power consumption is 4mW at 5V,
reducing to 125
µW in power-down mode.
• Precision Instrumentation
• Industrial Control
The DAC9881 is available in a 4mm × 4mm QFN-24
• Data Acquisition Systems
package with a specified temperature range of –40°C
to +105°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI, QSPI are trademarks of Motorola, Inc.
3
MICROWIRE is a trademark of National Semiconductor.
4
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC9881SRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC9881SRGET TI-DAC9881SRGET Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC9881SRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8881 TI-DAC8881 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7613 TI1-DAC7613_14 Datasheet
1Mb / 14P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7613 BURR-BROWN-DAC7613 Datasheet
559Kb / 9P
   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7613E TI1-DAC7613E Datasheet
746Kb / 13P
[Old version datasheet]   12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com