Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8814IBDBTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8814IBDBTG4
Description  Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8814IBDBTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8814IBDBTG4 Datasheet HTML 6Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 7Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 8Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 9Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 10Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 11Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 12Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 13Page - Texas Instruments DAC8814IBDBTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
180
160
140
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Logic Input Voltage (V)
V
DD = +5.0V
V
DD = +2.7V
6
0
−6
−12
−18
−24
−30
−36
−42
−48
−54
−60
−66
−72
−78
−84
−90
−96
−102
−108
−114
1 0
1 00
1 k
10k
10 0k
1M
10 M
100M
B andw idth ( H z )
0x0001
0x0002
0x0004
0x0008
0x0010
0x0020
0x0040
0x0080
0x0100
0x0200
0x0400
0x0800
0x1000
0x2000
0x4000
0x8000
0xFFFF
0x0000
Time (0.2
µs/div)
LDAC Pulse
Code: 7FFFh to 8000h
Time (0.1
µs/div)
Trigger Pulse
Voltage Output Settling
3
2
1
0
−1
−2
−3
−40
−20
100
Temperature (
_C)
DAC C
0
20
40
60
80
DAC B
DAC A
DAC D
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature (
_C)
−20
0
20
5.0V
2.7V
40
60
80
100
−40
DAC8814
SBAS338D – JANUARY 2005 – REVISED SEPTEMBER 2006
TYPICAL CHARACTERISTICS: V
DD = +5 V (continued)
At T
A = +25°C, +VDD = +5 V, unless otherwise noted.
SUPPLY CURRENT
vs LOGIC INPUT VOLTAGE
REFERENCE MULTIPLYING BANDWIDTH
Figure 25.
Figure 26.
DAC GLITCH
DAC SETTLING TIME
Figure 27.
Figure 28.
IDD vs TEMPERATURE
ENDPOINT ERROR vs TEMPERATURE
Figure 29.
Figure 30.
10
Submit Documentation Feedback


Similar Part No. - DAC8814IBDBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8814IBDBT TI-DAC8814IBDBT Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8814IBDBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
[Old version datasheet]   Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com