Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5557 Datasheet(PDF) 3 Page - Texas Instruments

Part # AD5557
Description  14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AD5557 Datasheet(HTML) 3 Page - Texas Instruments

  AD5557 Datasheet HTML 1Page - Texas Instruments AD5557 Datasheet HTML 2Page - Texas Instruments AD5557 Datasheet HTML 3Page - Texas Instruments AD5557 Datasheet HTML 4Page - Texas Instruments AD5557 Datasheet HTML 5Page - Texas Instruments AD5557 Datasheet HTML 6Page - Texas Instruments AD5557 Datasheet HTML 7Page - Texas Instruments AD5557 Datasheet HTML 8Page - Texas Instruments AD5557 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8805
SBAS391A – DECEMBER 2006 – REVISED MAY 2007
All specifications at TA = –40°C to +125°C, VDD = +2.7V to +5.5V, IOUT = virtual GND, GND = 0V, and VREF = 10V, unless otherwise noted.
DAC8805
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC PERFORMANCE
Resolution
14
Bits
Relative accuracy
INL
±0.5
±1
LSB
Differential nonlinearity
DNL
±0.5
±1
LSB
Output leakage current
Data = 0000h, TA = +25°C
10
nA
Output leakage current
Data = 0000h, Full temperature range
20
nA
Unipolar, data = 3FFFh
±1
±4
mV
Full-scale gain error
Bipolar, data = 3FFFh
±1
±4
mV
Full-scale temperature coefficient
±1
±2
ppm/
°C
TA = +25°C
±1
±3
mV
Bipolar zero error
Full temperature range
±1
±3
mV
Power-supply rejection ratio
PSRR VDD = 5V ±10%
±0.1
±0.5
LSB/V
OUTPUT CHARACTERISTICS(1)
Output current
2
mA
Output capacitance
Code dependent
50
pF
REFERENCE INPUT
Reference voltage range
VREF
–18
18
V
Input resistance (unipolar)
RREF
4
5
6
k
Input capacitance
5
pF
R1, R2
4
5
6
k
Feedback and offset resistance
ROFS, RFB
8
10
12
k
LOGIC INPUTS AND OUTPUT(1)
VIL VDD = +2.7V
0.6
V
Input low voltage
VIL VDD = +5V
0.8
V
VIH VDD = +2.7V
2.1
V
Input high voltage
VIH VDD = +5V
2.4
V
Input leakage current
IIL
0.001
1
µA
Input capacitance
CIL
8
pF
POWER REQUIREMENTS
Supply voltage
VDD
2.7
5.5
V
Supply current
IDD Normal operation, logic inputs = 0V
3
6
µA
VDD = +4.5V to +5.5V
VIH = VDD and VIL = GND
3
6
µA
VDD = +2.7V to +3.6V
VIH = VDD and VIL = GND
1
3
µA
AC CHARACTERISTICS(1)(2)
To 0.1% of full-scale,
Output current settling time
tS
0.3
µs
Data = 0000h to 3FFFh to 0000h
To 0.006% of full-scale,
tS
0.5
µs
Data = 0000h to 3FFFh to 0000h
Reference multiplying BW
BW – 3dB VREF = 5VPP, Data = 3FFFh, 2-quadrant mode
10
MHz
VREF = 0V to 10V,
DAC glitch impulse
5
nV–s
Data = 1FFFh to 2000h to 1FFFh
Data = 0000h, VREF = 100kHz, ±10VPP,
Feedthrough error
VOUT/VREF
–70
dB
2-quadrant mode
Crosstalk error
VOUTA/VREFB Data = 0000h, VREFB = 100mVRMS, f = 100kHz
–100
dB
LDAC = Logic low, VREF = –10V to + 10V
Digital feedthrough
1
nV–s
Any code change
Total harmonic distortion
THD VREF = 6VRMS, Data = 3FFFh, f = 1kHz
–105
dB
Output noise density
eN f = 1kHz, BW = 1Hz, 2-quadrant mode
12
nV/
√Hz
(1)
Specified by design and characterization; not production tested.
(2)
All ac characteristic tests are performed in a closed-loop system using a THS4011 I-to-V converter amplifier.
3
Submit Documentation Feedback


Similar Part No. - AD5557

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5557 AD-AD5557 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5557 AD-AD5557 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5557 AD-AD5557 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5557 AD-AD5557 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

Similar Description - AD5557

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
   14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC7822 TI1-DAC7822_14 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
   16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8806 TI-DAC8806_15 Datasheet
1Mb / 22P
[Old version datasheet]   14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
REVISED FEBRUARY 2008
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com