Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8550IBDGKRG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8550IBDGKRG4
Description  16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8550IBDGKRG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC8550IBDGKRG4 Datasheet HTML 1Page - Texas Instruments DAC8550IBDGKRG4 Datasheet HTML 2Page - Texas Instruments DAC8550IBDGKRG4 Datasheet HTML 3Page - Texas Instruments DAC8550IBDGKRG4 Datasheet HTML 4Page - Texas Instruments DAC8550IBDGKRG4 Datasheet HTML 5Page - Texas Instruments DAC8550IBDGKRG4 Datasheet HTML 6Page - Texas Instruments DAC8550IBDGKRG4 Datasheet HTML 7Page - Texas Instruments DAC8550IBDGKRG4 Datasheet HTML 8Page - Texas Instruments DAC8550IBDGKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5
DAC8550
www.ti.com
SLAS476F – MARCH 2006 – REVISED MARCH 2016
Product Folder Links: DAC8550
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
(1)
Linearity calculated using a reduced code range of –32283 to 32063; output unloaded.
(2)
Specified by design and characterization, not production tested.
6.5 Electrical Characteristics
VDD = 2.7 V to 5.5 V, –40°C to 105°C range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE(1)
Resolution
16
Bits
EL
Relative accuracy
Measured by line passing through codes
–32283 and 32063
DAC8550
±3
±12
LSB
DAC8550B
±3
±8
ED
Differential nonlinearity
16-bit monotonic
±0.25
±1
LSB
EO
Zero-code error
Measured by line passing through codes –32283 and 32063
±2
±12
mV
EFS
Full-scale error
Measured by line passing through codes –32283 and 32063
±0.05%
±0.5%
mV
EG
Gain error
Measured by line passing through codes –32283 and 32063
±0.02%
±0.2%
mV
Zero-code error drift
±5
μV/°C
Gain temperature coefficient
±1
ppm of
FSR/°C
PSRR
Power-supply rejection ratio
RL = 2 kΩ, CL = 200 pF
0.75
mV/V
OUTPUT CHARACTERISTICS(2)
VO
Output voltage range
0
VREF
V
tSD
Output voltage settling time
To ±0.003% FSR, 1200h to 8D00h, RL = 2 kΩ, 0 pF < CL < 200 pF
8
10
μs
RL = 2 kΩ, CL = 500 pF
12
SR
Slew rate
1.8
V/
μs
Capacitive load stability
RL = ∞
470
pF
RL = 2 kΩ
1000
Code change glitch impulse
1 LSB change around major carry
0.1
nV-s
Digital feedthrough
SCLK toggling, FSYNC high
0.1
nV-s
zO
DC output impedance
At mid-code input
1
IOS
Short-circuit current
VDD = 5 V
50
mA
VDD = 3 V
20
tON
Power-up time
Coming out of power-down mode, VDD = 5 V
2.5
μs
Coming out of power-down mode, VDD = 3 V
5
AC PERFORMANCE
SNR
Signal-to-noise ratio
BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz,
1st 19 harmonics removed for SNR calculation
95
dB
THD
Total harmonic distortion
BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz,
1st 19 harmonics removed for SNR calculation
–85
dB
SFDR
Spurious-free dynamic range
BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz,
1st 19 harmonics removed for SNR calculation
87
dB
SINAD
Signal-to-noise and distortion
BW = 20 kHz, VDD = 5 V, fOUT = 1 kHz,
1st 19 harmonics removed for SNR calculation
84
dB
REFERENCE INPUT
VREF
Reference voltage
0
VDD
V
II(REF)
Reference current input range
VREF = VDD = 5 V
40
75
μA
VREF = VDD = 3.6 V
30
45
zI(REF)
Reference input impedance
125
k
LOGIC INPUTS (2)
Input current
±1
μA
VIL
Low-level input voltage
VDD = 5 V
0.3 × VDD
V
VDD = 3 V
0.1 × VDD
VIH
High-level input voltage
VDD = 5 V
0.7 × VDD
V
VDD = 3 V
0.9 × VDD
Pin capacitance
3
pF


Similar Part No. - DAC8550IBDGKRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8550IBDGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com