Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8550IBDGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8550IBDGKR
Description  16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8550IBDGKR Datasheet(HTML) 3 Page - Texas Instruments

  DAC8550IBDGKR Datasheet HTML 1Page - Texas Instruments DAC8550IBDGKR Datasheet HTML 2Page - Texas Instruments DAC8550IBDGKR Datasheet HTML 3Page - Texas Instruments DAC8550IBDGKR Datasheet HTML 4Page - Texas Instruments DAC8550IBDGKR Datasheet HTML 5Page - Texas Instruments DAC8550IBDGKR Datasheet HTML 6Page - Texas Instruments DAC8550IBDGKR Datasheet HTML 7Page - Texas Instruments DAC8550IBDGKR Datasheet HTML 8Page - Texas Instruments DAC8550IBDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
DAC8550
8
7
6
5
V
V
V
V
DD
REF
FB
OUT
GND
D
SCLK
SYNC
IN
3
DAC8550
www.ti.com
SLAS476F – MARCH 2006 – REVISED MARCH 2016
Product Folder Links: DAC8550
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
VDD
1
PWR
Power-supply input
VREF
2
I
Reference voltage input
VFB
3
I
Feedback connection for the output amplifier
VOUT
4
O
Analog output voltage from DAC. The output amplifier has rail-to-rail operation.
SYNC
5
I
Level-triggered control input (active LOW). This is the frame synchronization signal for the input data.
When SYNC goes LOW, it enables the input shift register and data is transferred in on the falling edges
of the following clocks. The DAC is updated following the 24th clock (unless SYNC is taken HIGH before
this edge, in which case the rising edge of SYNC acts as an interrupt and the write sequence is ignored
by the DAC8550). Schmitt-Trigger logic input.
SCLK
6
I
Serial clock input. Data can be transferred at rates up to 30 MHz Schmitt-Trigger logic input.
DIN
7
I
Serial data input. Data is clocked into the 24-bit input shift register on each falling edge of the serial clock
input. Schmitt-Trigger logic input.
GND
8
GND
Ground reference point for all circuitry on the part


Similar Part No. - DAC8550IBDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8550IBDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com