Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90SQ Datasheet(PDF) 4 Page - International Rectifier

Part # 90SQ
Description  SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

90SQ Datasheet(HTML) 4 Page - International Rectifier

  90SQ Datasheet HTML 1Page - International Rectifier 90SQ Datasheet HTML 2Page - International Rectifier 90SQ Datasheet HTML 3Page - International Rectifier 90SQ Datasheet HTML 4Page - International Rectifier 90SQ Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
90SQ... Series
Bulletin PD-2.222 rev. C 12/01
4
www.irf.com
Fig. 8 - Unclamped Inductive Test Circuit
Fig. 5 - Maximum Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
0
1
2
3
4
5
6
02468
10
12
14
DC
F(AV)
D=0.08
D=0.17
D=0.25
D=0.33
D=0.50
RMSLimit
AverageForwardCurrent-I
(A)
95
105
115
125
135
145
155
0
2
4
6
8
10
12
14
DC
AverageForwardCurrent-I
(A)
F(AV)
90SQ
R
(DC)=8.0°C/W
thJL
=1/8inch
FR EE-W H E EL
D IO D E
40H FL40 S02
CUR RE N T
MO N ITO R
HIG H-SPE ED
SW ITC H
IRFP460
L
DUT
Rg = 25 ohm
Vd = 25 V olt
+
100
1000
10000
10
100
1000
10000
p
At Any Rated Load Condition
And With Rated V
Applied
Following Surge
RRM
Square Wave Pulse Duration - t (microsec)


Similar Part No. - 90SQ

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
90SQ SMC-90SQ Datasheet
130Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
90SQ SMCDIODE-90SQ Datasheet
298Kb / 4P
   90SQ035/90SQ040/90SQ045 SCHOTTKY RECTIFIER
Rev.B
logo
Vishay Siliconix
90SQ030 VISHAY-90SQ030 Datasheet
106Kb / 6P
   Schottky Rectifier, 9 A
Revision: 07-Nov-08
logo
New Jersey Semi-Conduct...
90SQ030 NJSEMI-90SQ030 Datasheet
142Kb / 1P
   Schottky Rectifiers
90SQ030 NJSEMI-90SQ030 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 90SQ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com