Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R46KN210000N0M Datasheet(PDF) 3 Page - Kemet Corporation

Part # R46KN210000N0M
Description  Metallized Polypropylene Film EMI Suppression Capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46KN210000N0M Datasheet(HTML) 3 Page - Kemet Corporation

  R46KN210000N0M Datasheet HTML 1Page - Kemet Corporation R46KN210000N0M Datasheet HTML 2Page - Kemet Corporation R46KN210000N0M Datasheet HTML 3Page - Kemet Corporation R46KN210000N0M Datasheet HTML 4Page - Kemet Corporation R46KN210000N0M Datasheet HTML 5Page - Kemet Corporation R46KN210000N0M Datasheet HTML 6Page - Kemet Corporation R46KN210000N0M Datasheet HTML 7Page - Kemet Corporation R46KN210000N0M Datasheet HTML 8Page - Kemet Corporation R46KN210000N0M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3093_R46_X2_275_110C • 6/9/2016
3
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 275 VAC, 110ºC
Dimensions – Millimeters
H
p
LL
d
L
B
FRONT VIEW
SIDE VIEW
L
B
H
d
Loose
Insulated Rigid Leads
FRONT VIEW
SIDE VIEW
L
B
H
d
Insulated Flexible Leads 0.5 mm2
FRONT VIEW
SIDE VIEW
p
B
H
L
d
Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance Nominal Tolerance
10.0
+/-0.4
4.0
+0.2
9.0
+0.1
13.0
+0.2
0.6
+/-0.05
10.0
+/-0.4
5.0
+0.2
11.0
+0.1
13.0
+0.2
0.6
+/-0.05
10.0
+/-0.4
6.0
+0.2
12.0
+0.1
13.0
+0.2
0.6
+/-0.05
15.0
+/-0.4
5.0
+0.2
11.0
+0.1
18.0
+0.3
0.6
+/-0.05
15.0
+/-0.4
6.0
+0.2
12.0
+0.1
18.0
+0.3
0.6
+/-0.05
15.0
+/-0.4
6.0
+0.2
17.5
+0.1
18.0
+0.3
0.6
+/-0.05
15.0
+/-0.4
7.5
+0.2
13.5
+0.1
18.0
+0.5
0.6
+/-0.05
15.0
+/-0.4
7.5
+0.2
18.5
+0.1
18.0
+0.5
0.8
+/-0.05
15.0
+/-0.4
8.5
+0.2
14.5
+0.1
18.0
+0.5
0.6
+/-0.05
15.0
+/-0.4
9.0
+0.2
12.5
+0.1
18.0
+0.5
0.6
+/-0.05
15.0
+/-0.4
10.0
+0.2
16.0
+0.1
18.0
+0.5
0.8
+/-0.05
15.0
+/-0.4
11.0
+0.2
19.0
+0.1
18.0
+0.5
0.8
+/-0.05
15.0
+/-0.4
13.0
+0.2
12.0
+0.1
18.0
+0.5
0.8
+/-0.05
22.5
+/-0.4
6.0
+0.2
15.0
+0.1
26.5
+0.3
0.8
+/-0.05
22.5
+/-0.4
7.0
+0.2
16.0
+0.1
26.5
+0.3
0.8
+/-0.05
22.5
+/-0.4
10.0
+0.2
18.5
+0.1
26.5
+0.3
0.8
+/-0.05
22.5
+/-0.4
11.0
+0.2
20.0
+0.1
26.5
+0.3
0.8
+/-0.05
27.5
+/-0.4
9.0
+0.2
17.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
11.0
+0.2
20.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
13.0
+0.2
22.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
13.0
+0.2
25.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
14.0
+0.2
28.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
18.0
+0.2
33.0
+0.1
32.0
+0.3
0.8
+/-0.05
27.5
+/-0.4
22.0
+0.2
37.0
+0.1
32.0
+0.3
0.8
+/-0.05
Note: See Ordering Options Table for lead length (LL/H0) options.


Similar Part No. - R46KN210000N0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN31500001M KEMET-R46KN31500001M Datasheet
60Kb / 1P
   R46_275, Film, Metallized Polypropylene, Safety, 0.15 uF, 20%, 275 VAC (X2), 560 VDC, 110째C, Lead Spacing = 22.5mm
R46KN315040H1M KEMET-R46KN315040H1M Datasheet
55Kb / 1P
   Capacitor, film, 0.15 uF, /-20% Tol, -40/125C, Safety: X2, 275 VAC, Lead Spacing=22.5 mm
R46KN31505001K KEMET-R46KN31505001K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 0.15 uF, 10%, 560 V, 275 V, 110C, Lead Spacing = 22.5mm
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
R46KN322000H2M KEMET-R46KN322000H2M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
More results

Similar Description - R46KN210000N0M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE844RD6100MR06L2 KEMET-PHE844RD6100MR06L2 Datasheet
1Mb / 14P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463N31500001M KEMET-R463N31500001M_16 Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R474I210000A1M KEMET-R474I210000A1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I233000M1M KEMET-R413I233000M1M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R413I22200000M KEMET-R413I22200000M Datasheet
3Mb / 16P
   Metallized Polypropylene Film EMI Suppression Capacitors
R46 KEMET-R46_V01 Datasheet
2Mb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
10/31/2022
R46KR410000M1M KEMET-R46KR410000M1M Datasheet
564Kb / 13P
   Metallized Polypropylene Film EMI Suppression Capacitors
R463W515050H7M KEMET-R463W515050H7M Datasheet
901Kb / 18P
   Metallized Polypropylene Film EMI Suppression Capacitors
1/13/2022
R474F14700001M KEMET-R474F14700001M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
R475I21000001M KEMET-R475I21000001M Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com