Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT4511EE4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HCT4511EE4
Description  BCD-TO-7 Segment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT4511EE4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD74HCT4511EE4 Datasheet HTML 5Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 6Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 7Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 8Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 9Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 10Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 11Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 12Page - Texas Instruments CD74HCT4511EE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION − ’HC4511
Test
Point
From Output
Under Test
CL
(see Note A)
VCC
S1
S2
LOAD CIRCUIT
PARAMETER
tPZH
tpd or tt
tdis
ten
tPZL
tPHZ
tPLZ
Open
Closed
S1
Closed
Open
S2
Open
Closed
Closed
Open
Open
Open
NOTES: A. CL includes probe and test-fixture capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following
characteristics: PRR
≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns.
D. For clock inputs, fmax is measured with the input duty cycle at 50%.
E. The outputs are measured one at a time with one input transition per measurement.
F. tPLZ and tPHZ are the same as tdis.
G. tPZL and tPZH are the same as ten.
H. tPLH and tPHL are the same as tpd.
RL = 1 kΩ
VOLTAGE WAVEFORMS
SETUP AND HOLD AND INPUT RISE AND FALL TIMES
th
tsu
50% VCC
50% VCC
50%
10%
10%
90%
90%
VCC
VCC
0 V
0 V
tr
tf
Reference
Input
Data
Input
VOLTAGE WAVEFORMS
PROPAGATION DELAY AND OUTPUT TRANSITION TIMES
50% VCC
50% VCC
50%
10%
10%
90%
90%
VCC
VOH
VOL
0 V
tr
tf
Input
In-Phase
Output
50% VCC
tPLH
tPHL
50% VCC
50%
10%
10%
90%
90%
VOH
VOL
tr
tf
tPHL
tPLH
Out-of-Phase
Output
0 V
tw
VOLTAGE WAVEFORMS
PULSE DURATION
Input
50% VCC
50% VCC
VCC
Output
Control
Output
Waveform 1
(see Note B)
Output
Waveform 2
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
≈VCC
0 V
50% VCC
10%
50% VCC
≈0 V
VOLTAGE WAVEFORMS
OUTPUT ENABLE AND DISABLE TIMES
50% VCC
50% VCC
90%
VCC
VOLTAGE WAVEFORMS
RECOVERY TIME
50% VCC
VCC
0 V
CLR
Input
CLK
50% VCC
VCC
trec
0 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CD74HCT4511EE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4511EE4 TI-CD74HCT4511EE4 Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
More results

Similar Description - CD74HCT4511EE4

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C48 FAIRCHILD-MM74C48 Datasheet
57Kb / 6P
   BCD-to-7 Segment Decoder
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
MM54C48 NSC-MM54C48 Datasheet
130Kb / 6P
   BCD-to-7 Segment Decoder
54LS48 NSC-54LS48 Datasheet
95Kb / 4P
   BCD TO 7-SEGMENT DECODER
LS248 NSC-LS248 Datasheet
67Kb / 3P
   BCD TO 7-SEGMENT DECODER
DM74LS48 NSC-DM74LS48 Datasheet
119Kb / 6P
   BCD to 7-Segment Decoder
January 1992
logo
Motorola, Inc
SN54LS48 MOTOROLA-SN54LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com