Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R463R31500002M Datasheet(PDF) 1 Page - Kemet Corporation

Part # R463R31500002M
Description  RoHS Compliant and lead-free terminations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R463R31500002M Datasheet(HTML) 1 Page - Kemet Corporation

  R463R31500002M Datasheet HTML 1Page - Kemet Corporation R463R31500002M Datasheet HTML 2Page - Kemet Corporation R463R31500002M Datasheet HTML 3Page - Kemet Corporation R463R31500002M Datasheet HTML 4Page - Kemet Corporation R463R31500002M Datasheet HTML 5Page - Kemet Corporation R463R31500002M Datasheet HTML 6Page - Kemet Corporation R463R31500002M Datasheet HTML 7Page - Kemet Corporation R463R31500002M Datasheet HTML 8Page - Kemet Corporation R463R31500002M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3095_R46_X2_310_110C • 6/9/2016
1
One world. One KEMET
Benefits
• Approvals: ENEC, UL, cUL, CQC
• Class X2 (IEC 60384-14)
• Rated voltage: 310 VAC 50/60 Hz
• Capacitance range: 0.01 – 10 µF
• Lead spacing: 10.0 – 37.5 mm
• Capacitance tolerance: ±20%, ±10%
• Climatic category: 40/110/56, IEC 60068–1
• Tape and reel in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof−40˚Cto+110˚C
• 100% screening factory test at 2,200 VDC/1,500 VAC
• Self-healing properties
Overview
TheR46Seriesisconstructedofmetallizedpolypropylenefilm
encapsulated with self-extinguishing resin in a box of material
meeting the requirements of UL 94 V–0.
Applications
For worldwide use in electromagnetic interference (EMI)
suppression in across-the-line applications requiring X2 safety
classification.Intendedforuseinsituationswherecapacitor
failure would not result in exposure to electric shock. Not for use
in “series with mains” type applications.
Metallized Polypropylene Film EMI Suppression Capacitors
R46 Series, Class X2, 310 VAC, 110ºC
Part Number System
R46
3
N
3150
00
01
M
Series
Rated Voltage
(VAC)
Lead Spacing
(mm)
Capacitance Code
(pF)
Packaging
Internal Use
Capacitance
Tolerance
X2, Metallized
Polypropylene
3 = 310
F = 10.0
I = 15.0
N = 22.5
R = 27.5
W = 37.5
The last three digits
representsignificant
figures.Thefirst
digitspecifies
number of zeros to
be added.
See Ordering
Options Table
01
02
L2
M1
M2
N0
N1
N2
K = ±10%
M = ±20%
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - R463R31500002M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R463R31500002M KEMET-R463R31500002M Datasheet
1Mb / 17P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R463R31500002M

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
   RoHS compliant and lead free
logo
Guangdong Youtai Semico...
SMXX-02HTG UMW-SMXX-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
logo
M/A-COM Technology Solu...
MACP-011029 MA-COM-MACP-011029 Datasheet
831Kb / 6P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9597EVKIT MAXIM-MAX9597EVKIT Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
logo
Shanghai Leiditech Elec...
SMD3225-470NF LEIDITECH-SMD3225-470NF Datasheet
1Mb / 4P
   RoHS compliant and Lead-free
logo
M/A-COM Technology Solu...
MAPD-011032 MA-COM-MAPD-011032 Datasheet
921Kb / 6P
   RoHS Compliant and Lead free
logo
Maxim Integrated Produc...
MAX9694EVKIT MAXIM-MAX9694EVKIT Datasheet
486Kb / 12P
   Lead-Free and RoHS Compliant
Rev 0; 10/08
logo
Shanghai Leiditech Elec...
3R090-6L LEIDITECH-3R090-6L Datasheet
545Kb / 4P
   RoHS compliant and Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com