Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

78L00A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 78L00A
Description  Three-Terminal Low Current Positive Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo ETC - List of Unclassifed Manufacturers

78L00A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  78L00A Datasheet HTML 1Page - List of Unclassifed Manufacturers 78L00A Datasheet HTML 2Page - List of Unclassifed Manufacturers 78L00A Datasheet HTML 3Page - List of Unclassifed Manufacturers 78L00A Datasheet HTML 4Page - List of Unclassifed Manufacturers 78L00A Datasheet HTML 5Page - List of Unclassifed Manufacturers 78L00A Datasheet HTML 6Page - List of Unclassifed Manufacturers 78L00A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
Ph./Fax: +7–816–2231736
E-mail: planeta@novgorod.net
© August 2001 Rev 1
http://www.novgorod.net/~planeta
PLANETA
The Linear IC's
Three-Terminal Low Current
Positive Voltage Regulators
DESCRIPTION
The 78L00A Series of three terminal positive voltage regulators is
available with several fixed output voltages making them useful in a wide
range of applications. These regulators are inexpensive, vise-to-use devices
suitable for a multitude of applications that require a regulated supply of up
to 100 mA. These regulators feature internal current limiting and thermal
shutdown making them remarkably rugged. No external components are
required with the 78L00A devices in many applications.
These devices offer a substantial performance advantage over the
traditional zener diode-resistor combination, as output impedance and
quiescent current are substantionally reduced.
The voltages available allow the 78L00A to be used in logic systems,
instrumentation, HiFi, and other solid state electronic equipment.
The 78L00A is available in 3-Pin plastic package SOT54 (Z), 3-Pin mini
power plastic package SOT89 (F) and the 8-Pin plastic package SO8 (D)
offers superior quality and performance at low cost.
FEATURES
Ø
High Output Current
I
O= 100 mA
Ø
Fixed Output Voltage
V
O= 5 V, 6 V, 8 V, 12 V, 15 V
Ø
Complementary Negative Regulators 79L00A Series
Ø
Available in either ±5% (AC) Selection
DEVICE TYPE / NOMINAL VOLTAGE
Package
5% Output Voltage
Accuracy
Voltage
Z Suffix
F Suffix
D Suffix
78L05AC
5
78L05ACZ
78L05ACF
78L05ACD
78L06AC
6
78L06ACZ
78L06ACF
78L06ACD
78L08AC
8
78L08ACZ
78L08ACF
78L08ACD
78L09AC
9
78L09ACZ
78L09ACF
78L09ACD
78L12AC
12
78L12ACZ
78L12ACF
78L12ACD
78L15AC
15
78L15ACZ
78L15ACF
78L15ACD
78L00A Series
SOT54
JEDEC
TO-92
EIAJ
SC-43
GOST
KT-26
Weight:
0.3g
1 – Output
2 – Common
3 – Input
3
2
1
SOT89
JEDEC
TO-243
EIAJ
SC-62
GOST
KT-47
Weight:
0.055g
1
2
3
1 – Output
2 – Common
3 – Input
2
SOT96-1
JEDEC
MS-012
EIAJ
GOST
4303.8-1
Weight:
0.08 ã
1
4
5
1 – Output, 2 – Common,
3 – Common, 4 – No Connect,
5 – No Connect, 6 – Common,
7 – Common, 4 – Input


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn