Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74AC251M96E4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74AC251M96E4
Description  8-Input Multiplexer, Three-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74AC251M96E4 Datasheet(HTML) 1 Page - Texas Instruments

  CD74AC251M96E4 Datasheet HTML 1Page - Texas Instruments CD74AC251M96E4 Datasheet HTML 2Page - Texas Instruments CD74AC251M96E4 Datasheet HTML 3Page - Texas Instruments CD74AC251M96E4 Datasheet HTML 4Page - Texas Instruments CD74AC251M96E4 Datasheet HTML 5Page - Texas Instruments CD74AC251M96E4 Datasheet HTML 6Page - Texas Instruments CD74AC251M96E4 Datasheet HTML 7Page - Texas Instruments CD74AC251M96E4 Datasheet HTML 8Page - Texas Instruments CD74AC251M96E4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS246
Features
• Buffered Inputs
• Typical Propagation Delay
- 6ns at VCC = 5V, TA = 25
oC, C
L = 50pF
• Exceeds 2kV ESD Protection MIL-STD-883, Method
3015
• SCR-Latchup-Resistant CMOS Process and Circuit
Design
• Speed of Bipolar FAST™/AS/S with Significantly
Reduced Power Consumption
• Balanced Propagation Delays
• AC Types Feature 1.5V to 5.5V Operation and
Balanced Noise Immunity at 30% of the Supply
±24mA Output Drive Current
- Fanout to 15 FAST™ ICs
- Drives 50
Ω Transmission Lines
Pinout
CD74AC251, CD74ACT251
(PDIP, SOIC)
TOP VIEW
Description
The CD74AC251 and CD74ACT251 8-input multiplexers that
utilize the Harris Advanced CMOS Logic technology. This
multiplexer features both true (Y) and complement (Y) outputs
as well as an Output Enable (OE) input. The OE must be at a
LOW logic level to enable this device. When the OE input is
HIGH, both outputs are in the high-impedance state. When
enabled, address information on the data select inputs deter-
mines which data input is routed to the Y and Y outputs.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
I3
I2
I1
I0
Y
Y
GND
OE
VCC
I5
I6
I7
S0
S1
S2
I4
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CD74AC251E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
E16.3
CD74ACT251E
0 to 70oC, -40 to 85,
-55 to 125
16 Ld PDIP
E16.3
CD74AC251M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
M16.15
CD74ACT251M
0 to 70oC, -40 to 85,
-55 to 125
16 Ld SOIC
M16.15
NOTES:
1. When ordering, use the entire part number. Add the suffix 96 to
obtain the variant in the tape and reel.
2. Wafer and die for this part number is available which meets all elec-
trical specifications. Please contact your local sales office or Harris
customer service for ordering information.
August 1998
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
FAST™ is a Trademark of Fairchild Semiconductor.
Copyright
© Harris Corporation 1998
CD74AC251,
CD74ACT251
8-Input Multiplexer, Three-State
File Number
1981.1


Similar Part No. - CD74AC251M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC251M TI-CD74AC251M Datasheet
38Kb / 8P
[Old version datasheet]   8-Input Multiplexer, Three-State
More results

Similar Description - CD74AC251M96E4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74AC251 TI-CD74AC251 Datasheet
38Kb / 8P
[Old version datasheet]   8-Input Multiplexer, Three-State
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
CD74AC253 TI-CD74AC253 Datasheet
37Kb / 7P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_08 Datasheet
569Kb / 16P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
CD74AC253 TI-CD74AC253_07 Datasheet
428Kb / 15P
[Old version datasheet]   Dual 4-Input Multiplexer, Three-State
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
Texas Instruments
CD74HCT356 TI-CD74HCT356 Datasheet
235Kb / 8P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer/Register, Three-State
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com