Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HC4511F3A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC4511F3A
Description  BCD-TO-7 Segment
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC4511F3A Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD54HC4511F3A Datasheet HTML 2Page - Texas Instruments CD54HC4511F3A Datasheet HTML 3Page - Texas Instruments CD54HC4511F3A Datasheet HTML 4Page - Texas Instruments CD54HC4511F3A Datasheet HTML 5Page - Texas Instruments CD54HC4511F3A Datasheet HTML 6Page - Texas Instruments CD54HC4511F3A Datasheet HTML 7Page - Texas Instruments CD54HC4511F3A Datasheet HTML 8Page - Texas Instruments CD54HC4511F3A Datasheet HTML 9Page - Texas Instruments CD54HC4511F3A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
CD54HC4511, CD74HC4511, CD74HCT4511
BCDTO7 SEGMENT LATCH/DECODER/DRIVERS
SCHS279D − DECEMBER 1998 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
CD74HCT4511
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
VI = VIH or VIL
IOH = −20 µA
4.5 V
4.4
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
3.7
3.84
V
VOL
VI = VIH or VIL
IOL = 20 µA
4.5 V
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.26
0.4
0.33
V
II
VI = VCC to GND
5.5 V
±0.1
±1
±1
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC†
One input at VCC − 2.1 V,
Other inputs at 0 or VCC
4.5 V to 5.5 V
100
360
490
450
µA
Ci
10
10
10
pF
† Additional quiescent supply current per input pin, TTL inputs high, 1 unit load. For dual-supply systems, theoretical worst-case
(VI = 2.4 V, VCC = 5.5 V) specification is 1.8 mA.
HCT INPUT LOADING TABLE
INPUT
UNIT LOADS‡
LT, LE
1.5
BL, Dn
0.3
‡ Unit load is ∆ICC limit specified in electrical
characteristics table, e.g., 360
µA maximum at
25
°C.
’HC4511 timing requirements over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
VCC
TA = 25°C
TA = −55°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
80
120
100
tw
Pulse duration, LE low
4.5 V
16
24
20
ns
tw
Pulse duration, LE low
6 V
14
20
17
ns
2 V
60
90
75
tsu
Setup time, BCD inputs before LE
4.5 V
12
18
15
ns
tsu
Setup time, BCD inputs before LE
6 V
10
15
13
ns
2 V
3
3
3
th
Hold time, BCD inputs before LE
4.5 V
3
3
3
ns
th
Hold time, BCD inputs before LE
6 V
3
3
3
ns


Similar Part No. - CD54HC4511F3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC4511F3A TI-CD54HC4511F3A Datasheet
428Kb / 17P
[Old version datasheet]   BCD-TO-7 SEGMENT LATCH/DECODER/DRIVERS
More results

Similar Description - CD54HC4511F3A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C48 FAIRCHILD-MM74C48 Datasheet
57Kb / 6P
   BCD-to-7 Segment Decoder
logo
National Semiconductor ...
74LS48 NSC-74LS48 Datasheet
116Kb / 6P
   BCD to 7-Segment Decoder
MM54C48 NSC-MM54C48 Datasheet
130Kb / 6P
   BCD-to-7 Segment Decoder
54LS48 NSC-54LS48 Datasheet
95Kb / 4P
   BCD TO 7-SEGMENT DECODER
LS248 NSC-LS248 Datasheet
67Kb / 3P
   BCD TO 7-SEGMENT DECODER
DM74LS48 NSC-DM74LS48 Datasheet
119Kb / 6P
   BCD to 7-Segment Decoder
January 1992
logo
Motorola, Inc
SN54LS48 MOTOROLA-SN54LS48 Datasheet
100Kb / 3P
   BCD TO 7-SEGMENT DECODER
logo
Fairchild Semiconductor
54LS347 FAIRCHILD-54LS347 Datasheet
51Kb / 1P
   BCD TO 7-SEGMENT DECODER/DRIVER
logo
ON Semiconductor
SN74LS47 ONSEMI-SN74LS47 Datasheet
132Kb / 8P
   BCD to 7-Segment Decoder/Driver
December, 1999 ??Rev. 6
logo
Fairchild Semiconductor
DM7447AN FAIRCHILD-DM7447AN Datasheet
56Kb / 6P
   BCD to 7-Segment Decoders/Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com