Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T551B107M025AT4251 Datasheet(PDF) 5 Page - Kemet Corporation

Part No. T551B107M025AT4251
Description  Includes F-Tech anode which eliminates hidden defects
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

T551B107M025AT4251 Datasheet(HTML) 5 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2072_T551 • 6/23/2016
55
Tantalum Through-Hole Capacitors – Hermetically Sealed
T551 Axial Polymer Hermetic Seal (PHS) 125ºC Series
Dimensions – Inches (Millimeters)
SIDE VIEW
END VIEW
L
B
1.50 ±0.250
(38.10 ±6.35)
D
+
C
1.50 ±0.250
(38.10 ±6.35)
0.094 (2.39) Maximum
Case Code
Case Size
Uninsulated Case
Insulated Case
MIL-PRF-39006
L
±0.031 (0.79)
D
+0.016 (0.41)
-0.015 (0.38)
M
±0.002 (0.05)
J
max
D
+0.016 (0.41)
-0.015 (0.38)
L
± 0.031 (0.79)
B
T2
0.650 (16.51)
0.279 (7.09)
0.025 (0.64)
0.822 (20.88)
0.289 (7.34)
0.686 (17.42)
Table 1 – Ratings & Part Number Reference
Rated
Voltage
Rated
Capacitance
Case Size KEMET Part Number
DC
Leakage
DF
Maximum
ESR
Ripple
Current
(V) 85ºC
µF
KEMET/EIA
(See below for part options)
µA at 25°C Maximum/5
Minutes
% at 25ºC
120 Hz Max
mΩ at 25ºC
100 kHz
mArms at
85ºC/40 kHz
6
140
B
T551B147(1)006A(2)
6.3
5.0
120
1510
6
820
B
T551B827(1)006A(2)
36.9
5.0
90
1750
8
220
B
T551B227(1)008A(2)
13.2
5.0
120
1510
8
680
B
T551B687(1)008A(2)
40.8
5.0
90
1750
10
100
B
T551B107(1)010A(2)
7.5
5.0
140
1400
10
180
B
T551B187(1)010A(2)
13.5
5.0
110
1580
10
560
B
T551B567(1)010A(2)
42.0
5.0
90
1750
15
70
B
T551B706(1)015A(2)
7.9
5.0
140
1400
15
120
B
T551B127(1)015A(2)
13.5
5.0
110
1580
15
390
B
T551B397(1)015A(2)
43.9
5.0
90
1750
25
50
B
T551B506(1)025A(2)
9.4
5.0
170
1275
25
100
B
T551B107(1)025A(2)
18.8
5.0
190
1200
30
40
B
T551B406(1)030A(2)
9.0
5.0
170
1275
30
68
B
T551B686(1)030A(2)
15.3
5.0
140
1400
40
100
B
T551B107(1)040A(2)
30.0
5.0
150
1350
40
120
B
T551B127(1)040A(2)
36.0
5.0
120
1510
50
25
B
T551B256(1)050A(2)
9.4
5.0
170
1275
50
47
B
T551B476(1)050A(2)
17.6
5.0
150
1350
50
100
B
T551B107(1)050A(2)
37.5
5.0
130
1450
50
120
B
T551B127(1)050A(2)
45.0
5.0
90
1750
60
20
B
T551B206(1)060A(2)
9.0
5.0
200
1175
60
39
B
T551B396(1)060A(2)
17.6
5.0
160
1310
60
100
B
T551B107(1)060A(2)
45.0
5.0
100
1660
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, H = Standard Solder coated (SnPb 5% Pb minimum). Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked
with the higher voltage rating.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn