Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T551B107M025AT4251 Datasheet(PDF) 3 Page - Kemet Corporation

Part No. T551B107M025AT4251
Description  Includes F-Tech anode which eliminates hidden defects
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

T551B107M025AT4251 Datasheet(HTML) 3 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2072_T551 • 6/23/2016
33
Tantalum Through-Hole Capacitors – Hermetically Sealed
T551 Axial Polymer Hermetic Seal (PHS) 125ºC Series
Qualification
Test Performed
Method Reference
Test Conditions
Reliability and Environmental Tests
ACRippleLifeat85˚C
MIL–PRF–39006
85˚C,40kHzripplecurrent,2,000hours
85˚CLife
MIL–PRF–39006
85˚C,ratedvoltage,2,000hours
125˚CLife
KEMET Standard
125°C, 0.66 x rated voltage, 2,000 hours
Surge Voltage
MIL–PRF–39006
85˚C,1.15xratedvoltage,1,000cycles,exceptdeltacapshallbe+10%/-20%
Surge Current
MIL–PRF–39003
+25ºC,10cycles(OptionA),OptionBavailable
Low Temperature Storage
MIL–PRF–39006
-62˚Cfor72hoursfollowedby1hourat125˚C
Reverse Voltage
KEMET Catalog
1 V for 8 hours maximum at 25°C, 1 V for 2 hours maximum at 70°C
Physical, Mechanical and Process Tests
Visual and Mechanical
Examination (Internal and
External)
MIL–PRF–39006
Case dimensions, marking
Terminal Strength
MIL–PRF–39006
Pull test and wire lead bend test
Resistance to Solvents
MIL–PRF–39006
Immersion in (3) solvents
Resistance to Soldering Heat
MIL–PRF–39006
Immersed to within 0.05 inch of capacitor body
Solderability
MIL–PRF–39006
Depthofinsertioninfluxandsoldertowithin0.062inchofweldedjoint
Shock and Vibration
MIL–STD–202, Methods 213, 204
Shock Method 213, Condition I, 100 g peak, Vibration Method 204, Condition D,
20 g peak
Barometric Pressure (Reduced)
MIL–PRF–39006
150,000 feet for 5 minutes, voltage applied for 1 minute
SaltAtmosphere(Corrosion)
MIL–PRF–39006
Subjectedtofinemistofsaltsolution
Moisture Resistance
MIL–PRF–39006
65˚Cat6volts
Dielectric Withstanding Voltage
MIL–PRF–39006
2,000 VDC, 60 seconds, sleeving examined for evidence of breakdown
Insulation Resistance
MIL–PRF–39003
500VDC,1minute,insulationresistancenotlessthan1,000MΩ
Electrical Characterization
Temperature Stability
Reference MIL–PRF–39006
-55˚Cto125˚C
Frequency Scan
KEMET Standard
Impedance, ESR and capacitance versus frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn