Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T551B107M025AT4251 Datasheet(PDF) 2 Page - Kemet Corporation

Part No. T551B107M025AT4251
Description  Includes F-Tech anode which eliminates hidden defects
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KEMET [Kemet Corporation]
Homepage  http://www.kemet.com
Logo 

T551B107M025AT4251 Datasheet(HTML) 2 Page - Kemet Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2072_T551 • 6/23/2016
22
Tantalum Through-Hole Capacitors – Hermetically Sealed
T551 Axial Polymer Hermetic Seal (PHS) 125ºC Series
Ordering Information
T
551
B
107
M
025
A
T
4251
Capacitor
Class
Series
Case
Size
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Product Level Termination Finish Surge Option
Sleeve Option
T =
Tantalum
551 =
Polymer
Hermetic
Seal
B
First two digits
represent
significantfigures.
Thirddigitspecifies
number of zeros.
K = ±10%
M = ±20%
006 = 6.3 V
008 = 8 V
015 = 15 V
025 = 25 V
040 = 40 V
050 = 50 V
060 = 60 V
A=N/A
T = 100% tin (Sn)
plated
H = Tin/lead (SnPb)
solder coated (5%
Pb minimum)
4251 = Surge
current,
10 cycles,
-55°C and
+85°C
Blank = Sleeved
0100 = Unsleeved
7200 = Tape &
Reel
7293 & 7443 =
Ammo
Performance Characteristics
Item
Performance Characteristics
Operating Temperature
-55°C to 125°C
Rated Capacitance Range
20μFto820μFat120Hz/25°C*
Capacitance Tolerance
K Tolerance (10%), M Tolerance (20%)
Rated Voltage Range
6 – 60 V
DF (120 Hz at 25°C)
RefertoPartNumberElectricalSpecificationTable
ESR (100 kHz at 25°C)
RefertoPartNumberElectricalSpecificationTable
Leakage Current
RefertoPartNumberElectricalSpecificationTable
(at rated voltage up to +85°C and 66% of rated voltage applied at 125°C)
Packaging
AccordingMIL–PRF–39006
KEMET does not recommend storage above 85ºC.
* Additional case sizes and capacitance/voltage are under development.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn