Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S301RV308R2R7W Datasheet(PDF) 3 Page - Kemet Corporation

Part # S301RV308R2R7W
Description  Weldable screw terminals
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

S301RV308R2R7W Datasheet(HTML) 3 Page - Kemet Corporation

  S301RV308R2R7W Datasheet HTML 1Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 2Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 3Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 4Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 5Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 6Page - Kemet Corporation S301RV308R2R7W Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
S6001_S301 • 3/7/2014
Screw Terminal Supercapacitors – S301 Series, Screw Termination, 2.7 V, 65ºC
Approvals
Series / Partnumber
Test Type
Test Standard
Date completed
(or estimated)
S301RP128R2R7W
S301RV308R2R7W
Vibration
IEC 60068-2-6
May 2013
SAE J2380
ISO 16750-3
Mechanical shock
IEC 60068-2-27
Underwriters Laboratory
UL-810A2
by Part number
SAE Safety And Abuse
SAE J246453
pending 12/31/2013
S301RE657R2R7W
S301RS208R2R7W
pending 1
1
Pending Part Numbers require significant production runs and UL Certification
2
UL-810A includes the following tests: Short Circuit, Abnormal Charge, Heating, Crush, Impact, Shock, Vibration
3
SAE J2464 Includes the following tests: Nail Penetration, Crush, Thermal Stability, Thermal Shock, Short Ciruit, Overcharge, Forced Vent
Environmental Compliance
All KEMET supercapacitors are RoHS Compliant.


Similar Part No. - S301RV308R2R7W

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
S301RV308R2R7W KEMET-S301RV308R2R7W Datasheet
411Kb / 8P
   Screw Termination
More results

Similar Description - S301RV308R2R7W

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
E36L351HPN222MCA5M CHEMI-CON-E36L351HPN222MCA5M Datasheet
126Kb / 9P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com